Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH3D16NP-R26N Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH3D16NP-R26N
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D16NP-R26N Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH3D16NP-R26N Datasheet HTML 1Page - Sumida Corporation CDRH3D16NP-R26N Datasheet HTML 2Page - Sumida Corporation CDRH3D16NP-R26N Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH3D16, CDRH3D16/HP, CDRH3D16/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
◆
Specification (CDRH3D16/LD)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
(μH)
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
at 20℃
at 100℃
Temperature
Rise current
(A) ※2
CDRH3D16/LDNP-3R3N□
A
3.3±30%
66(53)
0.80
0.52
2.00
CDRH3D16/LDNP-3R9N□
B
3.9±30%
81(65)
0.75
0.44
1.75
CDRH3D16/LDNP-4R7N□
C
4.7±30%
91(73)
0.68
0.43
1.72
CDRH3D16/LDNP-5R6N□
D
5.6±30%
102(82)
0.62
0.38
1.64
CDRH3D16/LDNP-6R8N□
E
6.8±30%
130(104)
0.58
0.34
1.30
CDRH3D16/LDNP-8R2N□
F
8.2±30%
140(112)
0.51
0.32
1.28
CDRH3D16/LDNP-1ØØN□
G
10±30%
190(152)
0.46
0.27
1.07
CDRH3D16/LDNP-12ØN□
H
12±30%
205(164)
0.42
0.26
0.98
CDRH3D16/LDNP-15ØN□
J
15±30%
272(218)
0.38
0.23
0.87
CDRH3D16/LDNP-18ØN□
K
18±30%
327(262)
0.34
0.21
0.76
CDRH3D16/LDNP-22ØN□
L
22±30%
356(285)
0.31
0.18
0.66
CDRH3D16/LDNP-27ØN□
M
27±30%
470(377)
0.28
0.17
0.60
CDRH3D16/LDNP-33ØN□
N
33±30%
560(446)
0.26
0.16
0.55
CDRH3D16/LDNP-39ØN□
P
39±30%
700(558)
0.24
0.15
0.47
CDRH3D16/LDNP-47ØN□
Q
47±30%
775(630)
0.21
0.13
0.45
※
Description of Part Name
CDRH3D16/LDNP-3R3N□
※
1.Saturation Current: The DC current at which the inductance decreases to 65% of it's nominal value
※
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com