Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX-A/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LP8550TLX-A/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550TLX-A/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8550TLX-A/NOPB Datasheet HTML 16Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 17Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 18Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 19Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 20Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 21Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 22Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 23Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.3.4.2 Undervoltage Detection
The LP8550 has detection for too-low VIN voltage. Threshold level for the voltage is set with EEPROM register
bits as seen in Table 3:
Table 3. Threshold Level for Voltage Set with EEPROM Register Bits
UVLO[1:0]
THRESHOLD (V)
00
OFF
01
2.7
10
5.4
11
8.1
When undervoltage is detected the LED outputs and boost shut down, FAULT pin is pulled down, and
corresponding fault bit is set in fault register. LEDs and boost start again when the voltage has increased above
the threshold level. Hysteresis is implemented to threshold level to avoid continuous triggering of fault when
threshold is reached.
Fault is cleared by setting EN pin low or by reading the fault register.
8.3.4.3 Overcurrent Protection
The LP8550 has detection for too-high loading on the boost converter. When overcurrent fault is detected, the
LP8550 shuts down.
Fault is cleared by setting EN pin low or by reading the fault register.
8.3.4.4 Device Thermal Regulation
The LP8550 has an internal temperature sensor which can be used to measure the junction temperature of the
device and protect the device from overheating. During thermal regulation, LED PWM is reduced by 2% of full
scale per °C whenever the temperature threshold is reached. Temperature regulation is enabled automatically
when chip is enabled. 11-bit temperature value can be read from Temp MSB and Temp LSB registers, MSB
should be read first. Temperature limit can be programmed in EEPROM as shown in Table 4.
Thermal regulation function does not generate fault signal.
Table 4. Temperature Limits Programmable in EEPROM
TEMP_LIM[1:0]
OVER-TEMP LIMIT (°C)
00
OFF
01
110
10
120
11
130
8.3.4.5 Thermal Shutdown
If the LP8550 reaches thermal shutdown temperature (150°C ) the LED outputs and boost shuts down to protect
it from damage. Also the FAULT pin is pulled down to indicate the fault state. The device activates again when
temperature drops below 130°C degrees.
Fault is cleared by setting EN pin low or by reading the fault register.
20
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com