Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLX-A/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LP8550TLX-A/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550TLX-A/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8550TLX-A/NOPB Datasheet HTML 24Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 25Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 26Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 27Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 28Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 29Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 30Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 31Page - Texas Instruments LP8550TLX-A/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
www.ti.com
FAULT REGISTER
UVLO
0
R
Undervoltage detection
0 = No fault
1 = Undervoltage detected in VIN pin. Boost converted and LED outputs are disabled
until VIN voltage is above the threshold voltage. Threshold voltage is set with
EEPROM bits from 3 V to 9 V. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
8.6.1.4 Identification
Address 03h
Reset value 1111 1100b
IDENTIFICATION REGISTER
7
6
5
4
3
2
1
0
PANEL
MFG[3:0]
REV[2:0]
Name
Bit
Access
Description
PANEL
7
R
Panel ID code
MFG
6:3
R
Manufacturer ID code
REV
2:0
R
Revision ID code
28
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com