Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLE/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP8550TLE/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550TLE/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP8550TLE/NOPB Datasheet HTML 15Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 16Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 17Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 18Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 19Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Time
VBOOST
Driver
headroom
VBOOST
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
VBOOST[4:0]
VOLTAGE (typical)
...
...
...
11101
29
39
11110
30
40
11111
31
40
8.3.3.4 Adaptive Boost Control
Adaptive boost control function adjusts the boost output voltage to the minimum sufficient voltage for proper LED
driver operation. The output with highest VF LED string is detected and boost output voltage adjusted
accordingly. Driver headroom can be adjusted with <DRIVER_HEADR[2:0]> EEPROM bits from approximately
300 mV to 1200 mV. Boost adaptive control voltage step size is 125 mV. Boost adaptive control operates
similarly with and without PSPWM.
Figure 18. Boost Adaptive Control Principle With PSPWM
8.3.4 Fault Detection
The LP8550 has fault detection for LED fault, low-battery voltage, overcurrent and thermal shutdown. The open
drain output pin (FAULT) can be used to indicate occurred fault. The cause for the fault can be read from status
register. Reading the fault register also resets the fault. Setting the EN pin low also resets the faults, even if an
external 5-V line is used to power VLDO pin.
8.3.4.1 LED Fault Detection
With LED fault detection, the voltages across the LED drivers are constantly monitored. Shorted or open LED
string is detected.
If LED fault is detected:
The corresponding LED string is taken out of boost adaptive control loop;
Fault bits are set in the fault register to identify whether the fault has been open/short and how many strings
are faulty; and
Fault open-drain pin is pulled down.
LED fault sensitivity can be adjusted with <LED_FAULT_THR> EEPROM bit which sets the allowable variation
between LED output voltage to 3.3 V or 5.3 V. Depending on application and how much variation there can be in
normal operation between LED string forward voltages this setting can be adjusted.
Fault is cleared by setting EN pin low or by reading the fault register.
By default the LED fault detection is active only in automatic PWM & Current Dimming Mode. If LED fault
detection is needed in PWM dimming mode, please contact a TI representative for guidance.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com