Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8550TLE/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8550TLE/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8550TLE/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP8550TLE/NOPB Datasheet HTML 1Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 2Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 3Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 4Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 5Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 6Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8550TLE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
MCU
LP8550
SW
FB
VLDO
GNDs
EN
ISET
VDDIO
PWM
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
L1
D1
10V ± 40V
5.5V ± 22V
FILTER
5V
FSET
15 éH
VSYNC
210 mA ± 400 mA
COUT
CIN
10 éF
4.7 éF
CVLDO
1 éF
VDDIO reference voltage
VSYNC signal
120 k
#
100 nF
1 éF
FAULT
Can be left floating
if not used
39 pF
VIN
RISET
RFSET
VBATT
0
10 20 30 40 50 60 70 80 90 100
60
65
70
75
80
85
90
95
100
DUTY CYCLE (%)
VIN = 9V
VIN = 12V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8550
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
LP8550 High-Efficiency LED Backlight Driver for Notebooks
1 Features
3 Description
The LP8550 is a white-LED driver with integrated
1
High-Voltage DC/DC Boost Converter with
boost converter. It has six adjustable current sinks
Integrated FET with Four Switching Frequency
which can be controlled by PWM input or with I2C-
Options: 156/312/625/1250 kHz
compatible serial interface. The boost converter has
2.7-V to 22-V Input Voltage Range to Support 1x
adaptive output voltage control based on the LED
to 5x Cell Li-Ion Batteries
driver voltages. This feature minimizes the power
consumption by adjusting the voltage to lowest
Programmable PWM Resolution
sufficient level in all conditions.
8 to 13 True Bits (Steady State)
LED outputs have 8-bit current resolution and up to
Additional 1 to 3 Bits Using Dithering During
13-bit PWM resolution with additional 1- to 3-bit
Brightness Changes
dithering to achieve smooth and precise brightness
I2C and PWM Brightness Control
control. Proprietary Phase Shift PWM control is used
Automatic PWM & Current Dimming for Improved
for LED outputs to reduce peak current from the
Efficiency
boost converter, thus making the boost capacitors
smaller. The Phase Shifting scheme also eliminates
PWM output frequency and LED Current set
audible noise.
through Resistors
Automatic PWM dimming at lower brightness values
Optional Synchronization to Display VSYNC
and current dimming at higher brightness values can
Signal
be used to improve the optical efficiency. Internal
Six LED Outputs with LED Fault (Short/Open)
EEPROM is used for storing the configuration data.
Detection
This makes it possible to have minimum external
Low Input Voltage, Overtemperature, Overcurrent
component count and make the solution very small.
Detection, and Shutdown
The LP8550 has safety features which make it
Minimum Number of External Components
possible to detect LED outputs with open or short
fault — low input voltage and boost overcurrent
2 Applications
conditions are monitored, and chip is turned off in
case of these events. Thermal de-rating function
Notebook and Netbook LCD Display LED
prevents overheating of the device by reducing
Backlight
backlight brightness when set temperature has been
LED Lighting
reached.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LP8550
DSBGA (25)
2.49 x 2.49 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
LED Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8550TLE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8550TLE/NOPB TI1-LP8550TLE/NOPB Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
More results

Similar Description - LP8550TLE/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com