Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV812 Datasheet(PDF) 13 Page - Texas Instruments

Part # LPV812
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV812 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV812 Datasheet HTML 9Page - Texas Instruments LPV812 Datasheet HTML 10Page - Texas Instruments LPV812 Datasheet HTML 11Page - Texas Instruments LPV812 Datasheet HTML 12Page - Texas Instruments LPV812 Datasheet HTML 13Page - Texas Instruments LPV812 Datasheet HTML 14Page - Texas Instruments LPV812 Datasheet HTML 15Page - Texas Instruments LPV812 Datasheet HTML 16Page - Texas Instruments LPV812 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
OUT
V
+
V
–
IN –
IN +
Copyright © 2016,
Texas Instruments Incorporated
13
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LPV811 (single) and LPV812 (dual) series of nanoPower CMOS operational amplifiers are designed for
long-life battery-powered and energy harvested applications. They operate on a single supply with operation as
low as 1.6V. The Input Offset is trimmed to less than 300uV and the output is rail-to-rail and swings to within
3.5mV of the supplies with a 100kΩ load. The common-mode range extends to the negative supply making it
ideal for single-supply applications. EMI protection has been employed internally to reduce the effects of EMI.
Parameters that vary significantly with operating voltages or temperature are shown in the Typical Characteristics
curves.
7.2 Functional Block Diagram
7.3 Feature Description
The amplifier's differential inputs consist of a non-inverting input (+IN) and an inverting input (–IN). The amplifier
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN
+ – IN–)
where
•
AOL is the open-loop gain of the amplifier, typically around 120 dB (1,000,000x, or 1,000,000 Volts per
microvolt).
(1)
7.4 Device Functional Modes
7.4.1 Negative-Rail Sensing Input
The input common-mode voltage range of the LPV81x extends from (V-) to (V+) – 0.9 V. In this range, low offset
can be expected with a minimum of 77dB CMRR. The LPV81x is protected from output "inversions" or
"reversals".
7.4.2 Rail to Rail Output Stage
The LPV81x output voltage swings 3.5 mV from rails at 1.8 V supply, which provides the maximum possible
dynamic range at the output. This is particularly important when operating on low supply voltages.
The LPV81x Maximum Output Voltage Swing graph defines the maximum swing possible under a particular
output load.
7.4.3 Design Optimization for Nanopower Operation
When designing for ultra-low power, choose system feedback components carefully. To minimize quiescent
current consumption, select large-value feedback resistors. Any large resistors will react with stray capacitance in
the circuit and the input capacitance of the operational amplifier. These parasitic RC combinations can affect the
stability of the overall system. A feedback capacitor may be required to assure stability and limit overshoot or
gain peaking.
When possible, use AC coupling and AC feedback to reduce static current draw through the feedback elements.
Use film or ceramic capacitors since large electrolytics may have large static leakage currents in the nanoamps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com