Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811DBVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV811DBVT.B
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV811DBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  LPV811DBVT.B Datasheet HTML 1Page - Texas Instruments LPV811DBVT.B Datasheet HTML 2Page - Texas Instruments LPV811DBVT.B Datasheet HTML 3Page - Texas Instruments LPV811DBVT.B Datasheet HTML 4Page - Texas Instruments LPV811DBVT.B Datasheet HTML 5Page - Texas Instruments LPV811DBVT.B Datasheet HTML 6Page - Texas Instruments LPV811DBVT.B Datasheet HTML 7Page - Texas Instruments LPV811DBVT.B Datasheet HTML 8Page - Texas Instruments LPV811DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
0
2
4
6
8
10
12
Offset Voltage (µV)
C002
21492 Amplifiers
1 M
+
VOUT
V
+
CO
Sensor
RL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LPV811, LPV812
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
1
1 Features
1
•
Nanopower Supply Current: 425 nA/channel
•
Offset Voltage: 300 µV (max)
•
TcVos: 1 µV/°C
•
Gain-Bandwidth: 8 kHz
•
Unity-Gain Stable
•
Low Input Bias Current : 100 fA
•
Wide Supply Range: 1.6 V to 5.5 V
•
Rail-to-Rail Output
•
No Output Reversals
•
EMI Protection
•
Temperature Range: –40°C to 125°C
•
Industry Standard Packages:
–
Single in 5-pin SOT-23
–
Dual in 8-pin VSSOP
2 Applications
•
CO and O2 Gas Detectors (TIDA-0756)
•
PIR Motion Detectors
•
Current Sensing
•
Thermostats
•
IoT Remote Sensors
•
Active RFID Readers and Tags
•
Portable Medical Equipment
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
The LPV811 (single) and LPV812 (dual) are a ultra-
low-power precision operational amplifier family for
“Always ON” sensing applications in battery powered
wireless and low power wired equipment. With 8 kHz
of bandwidth from 425 nA of quiescent current and a
trimmed offset voltage to under 300µV, the LPV81x
amplifiers
provide
the
required
precision
while
minimizing power consumption in equipment such as
gas detectors and portable electronic devices where
operational battery-life is critical.
In addition to being ultra-low-power, the LPV81x
amplifiers have CMOS input stages with fempto-amp
bias currents for impedance source applications. The
LPV81x amplifiers also feature a negative-rail sensing
input stage and a rail-to-rail output stage that swings
within millivolts of the rails, maintaining the widest
dynamic range possible. EMI protection is designed
into the LPV81x in order to reduce system sensitivity
to unwanted RF signals from mobile phones, WiFi,
radio transmitters, and tag readers.
Device Information(1)
PART
NUMBER
PACKAGE
BODY SIZE
LPV811
SOT-23 (5)
2.90 mm x 1.60 mm
LPV812
VSSOP (8)
3.00 mm × 3.00 mm
LPV8xx Family of Nanopower Amplifiers
PART
NUMBER
CHANNELS
SUPPLY
CURRENT
(Typ/Ch)
OFFSET
VOLTAGE
(Max)
LPV801
1
500 nA
3.5 mV
LPV802
2
320 nA
3.5 mV
LPV811
1
450 nA
370 µV
LPV812
2
425 nA
300 µV
Figure 1. Nanopower CO Sensor
Figure 2. LPV812 Offset Voltage Distribution


Similar Part No. - LPV811DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV811DBVT TI1-LPV811DBVT Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
More results

Similar Description - LPV811DBVT.B

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3440 HARRIS-CA3440 Datasheet
76Kb / 5P
63kHz, Nanopower, BiMOS Operational Amplifiers
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV8801 TI1-TLV8801 Datasheet
1Mb / 27P
TLV8801/TLV8802 320 nA Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8811 TI1-TLV8811 Datasheet
735Kb / 26P
425 nA Precision Nanopower Op Amps for Cost-Optimized Systems
TLV8544 TI1-TLV8544_17 Datasheet
1Mb / 32P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544 TI1-TLV8544_18 Datasheet
1Mb / 35P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_018 TI1-TLV8544_018 Datasheet
1Mb / 37P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
TLV8544_1808 TI1-TLV8544_1808 Datasheet
2Mb / 42P
500-nA, RRIO, Nanopower Operational Amplifiers for Cost-Optimized Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com