Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV811DBVT.B Datasheet(PDF) 11 Page - Texas Instruments

Part # LPV811DBVT.B
Description  LPV811/LPV812 Precision 425 nA Nanopower Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV811DBVT.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV811DBVT.B Datasheet HTML 7Page - Texas Instruments LPV811DBVT.B Datasheet HTML 8Page - Texas Instruments LPV811DBVT.B Datasheet HTML 9Page - Texas Instruments LPV811DBVT.B Datasheet HTML 10Page - Texas Instruments LPV811DBVT.B Datasheet HTML 11Page - Texas Instruments LPV811DBVT.B Datasheet HTML 12Page - Texas Instruments LPV811DBVT.B Datasheet HTML 13Page - Texas Instruments LPV811DBVT.B Datasheet HTML 14Page - Texas Instruments LPV811DBVT.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C001
GAIN
PHASE
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C002
GAIN
PHASE
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C003
GAIN
PHASE
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C002
GAIN
PHASE
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C001
GAIN
PHASE
1m
10m
100m
1
10
100
1k
10k
100k
-23
0
23
45
68
90
113
135
158
180
±20
0
20
40
60
80
100
120
140
160
Frequency (Hz)
125°C
25°C
-40°C
C002
GAIN
PHASE
11
LPV811, LPV812
www.ti.com
SNOSD33B – NOVEMBER 2016 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, RL = 10MΩ to VS/2 ,CL = 20pF, VCM = VS / 2V unless otherwise specified.
TA = -40, 25, 125°C
RL= 10MΩ
VOUT = 200mVPP
VS= 5V
CL= 20pF
VCM = Vs/2
Figure 33. Open Loop Gain and Phase, 5V, 10 MΩ Load
TA = -40, 25, 125°C
RL= 10MΩ
VOUT = 200mVPP
VS= 3.3V
CL= 20pF
VCM = Vs/2
Figure 34. Open Loop Gain and Phase, 3.3V, 10 MΩ Load
TA = -40, 25, 125°C
RL= 1MΩ
VOUT = 200mVPP
VS= 5V
CL= 20pF
VCM = Vs/2
Figure 35. Open Loop Gain and Phase, 5V, 1 MΩ Load
TA = -40, 25, 125°C
RL= 1MΩ
VOUT = 200mVPP
VS= 3.3V
CL= 20pF
VCM = Vs/2
Figure 36. Open Loop Gain and Phase, 3.3V, 1 MΩ Load
TA = -40, 25, 125°C
RL= 100kΩ
VOUT = 200mVPP
VS= 5V
CL= 20pF
VCM = Vs/2
Figure 37. Open Loop Gain and Phase, 5V, 100kΩ Load
TA = -40, 25, 125°C
RL= 100kΩ
VOUT = 200mVPP
VS= 3.3V
CL= 20pF
VCM = Vs/2
Figure 38. Open Loop Gain and Phase, 3.3V, 100kΩ Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com