Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44019 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP44019
Description  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP44019 Datasheet HTML 1Page - Monolithic Power Systems MP44019 Datasheet HTML 2Page - Monolithic Power Systems MP44019 Datasheet HTML 3Page - Monolithic Power Systems MP44019 Datasheet HTML 4Page - Monolithic Power Systems MP44019 Datasheet HTML 5Page - Monolithic Power Systems MP44019 Datasheet HTML 6Page - Monolithic Power Systems MP44019 Datasheet HTML 7Page - Monolithic Power Systems MP44019 Datasheet HTML 8Page - Monolithic Power Systems MP44019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MP44019
CrM/DCM Multi-Mode PFC Controller with
Second OVP
MP44019 Rev. 1.0
MonolithicPower.com
1
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP44019 is a CrM/DCM multi-mode PFC
controller
that
provides
simple
and
high-
performance active power factor correction
using minimal external components.
The device features a very low supply current.
This allows the device to achieve low standby
power loss. The typical no load power loss is
below 50mW.
The MP44019 reduces the switching frequency
using dead time extension technology under light
loads. This improves light-load efficiency.
The device achieves lower total harmonic
distortion (THD) due to variable on time control
in discontinuous conduction mode (DCM), when
compared to conventional constant on time
(COT) control.
Multi-protection functionality largely enhances
the safety and reliability of the system. The
MP44019 feature over-voltage protection (OVP),
second OVP (OVP2), an over-current limit (OCL),
over-current protection (OCP), under-voltage
protection (UVP), brown-in (BI) and brownout
(BO), VCC under-voltage lockout (UVLO), and
over-temperature protection (OTP).
The MP44019 is available in an SOIC-8 package.
FEATURES
 Valley Turn On for Minimum Switching Loss
 Frequency Reduction to Reduce Switching
Loss Under Light-Load Conditions
 Low Supply Current in Burst Mode
 Soft-On/Off Burst for Low Audible Noise
 Mains Compensation
 Improved THD
 Under-Voltage Protection (UVP)
 Over-Current Limit (OCL)
 Over-Current Protection (OCP)
 Over-Voltage Protection (OVP)
 Second Over-Voltage Protection (OVP2)
 Brown-In (BI) and Brownout (BO)
 Over-Temperature Protection (OTP)
 Open/Short Pin Protection
 Soft Start-Up
 Enhanced Dynamic Response
 Available in an SOIC-8 Package
APPLICATIONS
LCD and OLED TVs
Desktop PCs and Servers
High-Power Supplies for Lighting
AC/DC Adapters, Open-Frame SMPSs
Video Game Consoles
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions”
are trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP44019

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4401 TOSHIBA-MP4401 Datasheet
339Kb / 7P
HIGH POWER, HIGH SPEED SWITCHING APPLICATIONS / HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44010HP MPS-MP44010HP Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44010HS MPS-MP44010HS Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
More results

Similar Description - MP44019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
MagnaChip Semiconductor...
MAP8802 MGCHIP-MAP8802 Datasheet
964Kb / 16P
CRM PFC Controller
logo
Princeton Technology Co...
RS2330 PTC-RS2330 Datasheet
260Kb / 4P
THD Optimized CRM PFC Controller
logo
Toshiba Semiconductor
TB6819AFG TOSHIBA-TB6819AFG Datasheet
573Kb / 15P
Critical Conduction Mode (CRM) PFC Controller IC
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com