Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL5 Datasheet(PDF) 1 Page - QANTEK Technology Corporation All Rights reserved

Part # QL5
Description  QL5 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QANTEK [QANTEK Technology Corporation All Rights reserved]
Direct Link  https://www.qantek.com/
Logo QANTEK - QANTEK Technology Corporation All Rights reserved

QL5 Datasheet(HTML) 1 Page - QANTEK Technology Corporation All Rights reserved

  QL5 Datasheet HTML 1Page - QANTEK Technology Corporation All Rights reserved QL5 Datasheet HTML 2Page - QANTEK Technology Corporation All Rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QL5 Series
3.2x5.0 SMD LVDS Clock Oscillator
Features
• Miniature 3.2 x 5.0 x 1.3mm package
• Frequency Range 77.000 to 160.000MHz
• Supply voltage range: 2.5 or 3.3 Volts
Mechanical Dimensions
#1
#2
5.0 ± 0.1
#6
#5
#4
#3
#6
#5
3.8
#1
#2
1.0
#3
#4
3.8
1.4
1.9
1.3 Max.
Ceramic Base
Metal Lid
Pin Connection:
#1 E/D, #2 N.C., #3 GND, #4 Q, #5 QN, #6 VDC
Enable/Disable Function:
E/D (#1) Q (#4) & QN (#5), High (Open) Operating, Low High Impedance
Description
QL5 series oscillators provide a high quality
LVDS output at frequencies from 77.000 to
160.000MHz. Power supply voltages may be
specified as +2.5 Volts or +3.3 Volts.
General Specifications
Frequency Range
77.000 to 160.000MHz
Output Type
LVDS - Complementary Output
Temperature Stability*
±100ppm max.
±50ppm max.
±25ppm max.
Aging per year
±3ppm max.
Operating Temperature
Range
Standard
-20 to +70°C
Extended
-40 to +85°C
Storage Temperature Range
-55 to +125°C
* Frequency stability is inclusive of calibration tolerance at 25°C, frequency change
due to shock & vibration, ±10% supply voltage variation and stability over tempera-
ture range.
Electrical Specifications
Supply Voltage
2.5Vdd ±5%
3.3Vdd ±5%
Input Current
77.000 to 100.000MHz
60mA max.
60mA max.
101.000 to 160.000MHz
65mA max.
65mA max.
Output Voltage
Logic High (Voh)
1.6Vdd min.
Logic Low (Vol)
0.9Vdd max.
Output Symmetry
45 to 55%
Output Load (Between Q and QN)
100
Ω
Differential Output Voltage (Vod)
247mV to 454mV
Offset Voltage (Vos)
1.125V to 1.375V
Rise and Fall Time
77.000 to 100.000MHz
1ns max.
1ns max.
101.000 to 160.000MHz
0.5ns max.
5ns max.
Enable-Disable Function
Tri-State
INH - Pin 1
Q Pin 4 - QN Pin 5
High - Pin 1
Operating
Low - Pin 1
High Impedance
Enable High Input Voltage
1.75Vdd min.
2.31Vdd min.
Output Enable Time
0.75Vdd max.
0.99Vdd max.
Phase Jitter (12KHz to 20MHz)
1ps RMS
Part Numbering Guide
Qantek Code
Package
Supply Voltage
Frequency Stability
Frequency
Operating Temperature Range
Packaging
Q = Qantek
L5 = 3.2x5.0
25 = 2.5V
33 = 3.3V
A = ±25ppm
B = ±50ppm
C = ±100ppm
in MHz, always 8 digits
including the decimal point
(f.ie. 156.25000)
A = -20 to +70°C
B = -40 to +85°C
R = Tape&Reel
M = Minireel (250 pscs Tape&Reel)
Example: QL533B156.25000BR
bold letters = recommended standard specification


Similar Part No. - QL5

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
QL5-300KV-3.0A ANSHAN-QL5-300KV-3.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV-5.0A ANSHAN-QL5-300KV-5.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-300KV5.0A ANSHAN-QL5-300KV5.0A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-400KV-2.0A ANSHAN-QL5-400KV-2.0A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-400KV-2.5A ANSHAN-QL5-400KV-2.5A Datasheet
163Kb / 2P
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results

Similar Description - QL5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Anshan Suly Electronics
QL5-300KV5.0A ANSHAN-QL5-300KV5.0A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A QL5~300KV/5.0A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-400KV2.5A ANSHAN-QL5-400KV2.5A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~400KV/2.5A QL5~400KV/2.5A QL5~400KV/2.5A QL5~400KV/2.5A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-500KV0.1A ANSHAN-QL5-500KV0.1A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~500KV/0.1A QL5~500KV/0.1A QL5~500KV/0.1A QL5~500KV/0.1A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure
QL5-500KV0.05A ANSHAN-QL5-500KV0.05A Datasheet
187Kb / 2P
High voltage bridge rectifier QL5~500KV/0.05A QL5~500KV/0.05A QL5~500KV/0.05A QL5~500KV/0.05A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-500KV0.5A ANSHAN-QL5-500KV0.5A Datasheet
187Kb / 2P
High voltage bridge rectifier QL5~500KV/0.5A QL5~500KV/0.5A QL5~500KV/0.5A QL5~500KV/0.5A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-500KV1.0A ANSHAN-QL5-500KV1.0A Datasheet
188Kb / 2P
High voltage bridge rectifier QL5~500KV/1.0A QL5~500KV/1.0A QL5~500KV/1.0A QL5~500KV/1.0A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QL5-500KV1.5A ANSHAN-QL5-500KV1.5A Datasheet
187Kb / 2P
High voltage bridge rectifier QL5~500KV/1.5A QL5~500KV/1.5A QL5~500KV/1.5A QL5~500KV/1.5A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com