Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL5 Datasheet(PDF) 2 Page - QANTEK Technology Corporation All Rights reserved

Part # QL5
Description  QL5 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QANTEK [QANTEK Technology Corporation All Rights reserved]
Direct Link  https://www.qantek.com/
Logo QANTEK - QANTEK Technology Corporation All Rights reserved

QL5 Datasheet(HTML) 2 Page - QANTEK Technology Corporation All Rights reserved

  QL5 Datasheet HTML 1Page - QANTEK Technology Corporation All Rights reserved QL5 Datasheet HTML 2Page - QANTEK Technology Corporation All Rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
Tape and Reel Dimensions
QL5 Series
3.2x5.0 SMD LVDS Clock Oscillator
Marking Code Guide
Contains frequency, Qantek manufacturing Code, production code (month and year), stability, temperature range and voltage indicator.
Month Codes
January
A July
G
February
B August
H
March
C September I
April
D October
J
May
E
November
K
June
F
December
L
Year Codes
2019 9 2020
0 2021 1
2022 2 2023
3 2024 4
2025 5 2026
6 2027 7
Stability
ppm
PN Code
25
A
50
B
100
C
custom
S
Temperature Range
°C
PN Code
-20 to +70°C
A
-40 to +85°C
B
custom
S
Voltage
Volt
PN Code
2.5
2
3.3
3
custom
S
Example:
First Line: 20.000 (Frequency)
Second Line: QA9BB3 (Qantek – January – 2019 – ±50ppm – -40 to +85°C – 3.3V)
Solder Reflow Profile
Environmental Specifications
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD, Method 1010, B
Gross Leak
MIL-STD-202, Method 112
Fine Leak
MIL-STD-202, Method 112
All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com