Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU407 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU407
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU407 Datasheet(HTML) 1 Page - STMicroelectronics

  BU407 Datasheet HTML 1Page - STMicroelectronics BU407 Datasheet HTML 2Page - STMicroelectronics BU407 Datasheet HTML 3Page - STMicroelectronics BU407 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BU407
HIGH CURRENT NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
APPLICATIONS
s
HORIZONTAL DEFLECTION FOR
MONOCHROME TVs
DESCRIPTION
The BU407 is a silicon epitaxial planar NPN
transistors in Jedec TO-220 plastic package.
They are fast switching, high voltage devices foe
use in horizontal deflection output stages of
medium and small screens MTV receivers with
110
o CRT as monochrome computers terminals.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
330
V
VCEV
Collector-Emitter Voltage (VBE = -1.5 V)
330
V
VCEO
Collector-Emitter Voltage (IB = 0)
150
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
7
A
ICM
Collector Peak Current (repetitive)
10
A
ICM
Collector Peak Current (tp = 10 ms)
15
A
IB
Base Current
4
A
Ptot
Total Dissipation at Tc
≤ 25 oC60
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1/4


Similar Part No. - BU407

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU407 MOSPEC-BU407 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Power Innovations Ltd
BU407 POINN-BU407 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
logo
Samsung semiconductor
BU407 SAMSUNG-BU407 Datasheet
154Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BU407 FAIRCHILD-BU407 Datasheet
46Kb / 4P
High Voltage Switching
More results

Similar Description - BU407

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDY90 STMICROELECTRONICS-BDY90 Datasheet
62Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUR51 STMICROELECTRONICS-BUR51 Datasheet
65Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
BUTW92 STMICROELECTRONICS-BUTW92 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jul-1997
BUV20 STMICROELECTRONICS-BUV20 Datasheet
41Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jan-2000
logo
Seme LAB
BDY26C SEME-LAB-BDY26C Datasheet
20Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY25A SEME-LAB-BDY25A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28A SEME-LAB-BDY28A Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BDY28B SEME-LAB-BDY28B_07 Datasheet
49Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5038 NJSEMI-2N5038 Datasheet
75Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
BUX41 NJSEMI-BUX41 Datasheet
119Kb / 2P
HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com