Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU407 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU407
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU407 Datasheet(HTML) 2 Page - STMicroelectronics

  BU407 Datasheet HTML 1Page - STMicroelectronics BU407 Datasheet HTML 2Page - STMicroelectronics BU407 Datasheet HTML 3Page - STMicroelectronics BU407 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
2.08
oC/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
70
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE =330 V
VCE =200 V
VCE =200 V
Tcase = 100
oC
5
100
1
mA
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 6 V
1
mA
VCE(sat)
∗ Collector-emitter
Saturation Voltage
IC = 5 A
IB = 0.5 A
1
V
VBE(sat)
∗ Base-emitter
Saturation Voltage
IC = 5 A
1.2
V
fT
Transition-Frequency
IC = 1 A
VCE = 5 V
f = 1 MHz
10
16
MHz
toff
∗∗
Turn-off Time
IC = 5 A
IBend = 0.5 A
0.75
µs
Is/b
Second Breakdown
Collector Current
VCE = 40 V
t = 10 ms
4
A
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
BU407
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com