Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 10Page - STMicroelectronics L6563 Datasheet HTML 11Page - STMicroelectronics L6563 Datasheet HTML 12Page - STMicroelectronics L6563 Datasheet HTML 13Page - STMicroelectronics L6563 Datasheet HTML 14Page - STMicroelectronics L6563 Datasheet HTML 15Page - STMicroelectronics L6563 Datasheet HTML 16Page - STMicroelectronics L6563 Datasheet HTML 17Page - STMicroelectronics L6563 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Typical electrical performance
L6563 - L6563A
14/39
Figure 22. TBO current mismatch vs TJ
Figure 23. RUN thresholds vs TJ
Figure 24. TBO-INV current mismatch vs
TBO currents
Figure 25. PWM_LATCH high saturation vs TJ
Figure 26. TBO clamp vs TJ
Figure 27. PWM_STOP low saturation vs TJ
Tj (°C)
-50
0
50
100
150
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
I(INV)-I(TBO)
I(INV)
100·
ITBO = 25 µA
ITBO = 250 µA
Vcc = 12 V
Tj (°C)
-50
0
50
100
150
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
I(INV)-I(TBO)
I(INV)
100·
ITBO = 25 µA
ITBO = 250 µA
Vcc = 12 V
Tj (°C)
Vpin10
(V)
-50
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
Vcc = 12 V
ON
OFF
Tj (°C)
Vpin10
(V)
-50
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
Vcc = 12 V
ON
OFF
I(TBO)
0
100
200
300
400
500
600
-2.3
-2.2
-2.1
-2.0
-1.9
-1.8
-1.7
-1.6
Vcc = 12 V
Tj = 25 °C
I(INV)-I(TBO)
I(INV)
100·
I(TBO)
0
100
200
300
400
500
600
-2.3
-2.2
-2.1
-2.0
-1.9
-1.8
-1.7
-1.6
Vcc = 12 V
Tj = 25 °C
I(INV)-I(TBO)
I(INV)
100·
Tj (°C)
Vpin8
(V)
-50
0
50
100
150
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Vcc = 12 V
Isource = 50 µA
Isource = 500 µA
Tj (°C)
Vpin8
(V)
-50
0
50
100
150
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
Vcc = 12 V
Isource = 50 µA
Isource = 500 µA
Tj (°C)
-50
0
50
100
150
2.5
2.75
3
3.25
3.5
Vcc = 12 V
Vpin3= 4 V
(V)
Vpin6
Tj (°C)
-50
0
50
100
150
2.5
2.75
3
3.25
3.5
Vcc = 12 V
Vpin3= 4 V
(V)
Vpin6
Tj (°C)
Vpin9
(V)
-50
0
50
100
150
0.0
1.0
2.0
3.0
4.0
5.0
Vcc = 12 V
Isink = 0.5 mA
0.50
0.40
0.30
0.20
0.10
0
Tj (°C)
Vpin9
(V)
-50
0
50
100
150
0.0
1.0
2.0
3.0
4.0
5.0
Vcc = 12 V
Isink = 0.5 mA
0.50
0.40
0.30
0.20
0.10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com