Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 19Page - STMicroelectronics L6563 Datasheet HTML 20Page - STMicroelectronics L6563 Datasheet HTML 21Page - STMicroelectronics L6563 Datasheet HTML 22Page - STMicroelectronics L6563 Datasheet HTML 23Page - STMicroelectronics L6563 Datasheet HTML 24Page - STMicroelectronics L6563 Datasheet HTML 25Page - STMicroelectronics L6563 Datasheet HTML 26Page - STMicroelectronics L6563 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
L6563 - L6563A
Application information
23/39
6.5
Tracking Boost function
In some applications it may be advantageous to regulate the output voltage of the PFC pre-
regulator so that it tracks the RMS input voltage rather than at a fixed value like in
conventional boost pre-regulators. This is commonly referred to as "tracking boost" or
"follower boost" approach.
With this IC the function can be realized by connecting a resistor (RT) between the TBO pin
and ground. The TBO pin presents a DC level equal to the peak of the MULT pin voltage and
is then representative of the mains RMS voltage. The resistor defines a current, equal to
V(TBO)/RT, that is internally 1:1 mirrored and sunk from pin INV (pin 1) input of the error
amplifier. In this way, when the mains voltage increases the voltage at TBO pin will increase
as well and so will do the current flowing through the resistor connected between TBO and
GND. Then a larger current will be sunk by INV pin and the output voltage of the PFC pre-
regulator will be forced to get higher. Obviously, the output voltage will move in the opposite
direction if the input voltage decreases.
To avoid undesired output voltage rise should the mains voltage exceed the maximum
specified value, the voltage at the TBO pin is clamped at 3V. By properly selecting the
multiplier bias it is possible to set the maximum input voltage above which input-to-output
tracking ends and the output voltage becomes constant. If this function is not used, leave
the pin open: the device will regulate a fixed output voltage.
Starting from the following data:
Vin1 = minimum specified input RMS voltage;
Vin2 = maximum specified input RMS voltage;
Vo1 = regulated output voltage @ Vin = Vin1;
Vo2 = regulated output voltage @ Vin = Vin2;
Vox = absolute maximum limit for the regulated output voltage;
∆Vo = OVP threshold,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com