Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6563A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 9Page - STMicroelectronics L6563A Datasheet HTML 10Page - STMicroelectronics L6563A Datasheet HTML 11Page - STMicroelectronics L6563A Datasheet HTML 12Page - STMicroelectronics L6563A Datasheet HTML 13Page - STMicroelectronics L6563A Datasheet HTML 14Page - STMicroelectronics L6563A Datasheet HTML 15Page - STMicroelectronics L6563A Datasheet HTML 16Page - STMicroelectronics L6563A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
L6563 - L6563A
Typical electrical performance
13/39
Figure 16. Multiplier characteristics @ VFF = 1V Figure 17. ZCD clamp levels vs TJ
Figure 18. Multiplier characteristics @ VFF = 3V Figure 19. ZCD source capability vs TJ
Figure 20. Multiplier gain vs TJ
Figure 21. VFF & TBO dropouts vs TJ
V
MULT
(pin 3) (V)
VCOMP (pin 2)
(V)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
2.6
3.0
3.5
4.0
4.5
upper voltage
clamp
5.0
5.5
V
CS
(pin 4)
(V)
Vcc = 12 V
Tj = 25 °C
V
MULT
(pin 3) (V)
VCOMP (pin 2)
(V)
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
2.6
3.0
3.5
4.0
4.5
upper voltage
clamp
5.0
5.5
V
CS
(pin 4)
(V)
Vcc = 12 V
Tj = 25 °C
Tj (°C)
V
ZCD (pin 11)
(V)
-50
0
50
100
150
-1
0
1
2
3
4
5
6
7
Vcc = 12 V
IZCD= ±2.5 mA
Upper clamp
Lower clamp
Tj (°C)
V
ZCD (pin 11)
(V)
-50
0
50
100
150
-1
0
1
2
3
4
5
6
7
Vcc = 12 V
IZCD= ±2.5 mA
Upper clamp
Lower clamp
V
MULT
(pin 3) (V)
VCOMP (pin 2)
(V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
2.6
3.0
3.5
4.0
4.5
upper voltage
clamp
5.0
5.5
V
CS
(pin 4)
(V)
Vcc = 12 V
Tj = 25 °C
V
MULT
(pin 3) (V)
VCOMP (pin 2)
(V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
2.6
3.0
3.5
4.0
4.5
upper voltage
clamp
5.0
5.5
V
CS
(pin 4)
(V)
Vcc = 12 V
Tj = 25 °C
Tj (°C)
I
ZCDsrc
(mA)
-50
0
50
100
150
-8
-6
-4
-2
0
Vcc = 12 V
VZCD= lower clamp
Tj (°C)
I
ZCDsrc
(mA)
-50
0
50
100
150
-8
-6
-4
-2
0
Vcc = 12 V
VZCD= lower clamp
KM
Tj (°C)
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
Vcc = 12 V
VCOMP =4 V
VMULT = VFF =1V
KM
Tj (°C)
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
Vcc = 12 V
VCOMP =4 V
VMULT = VFF =1V
Tj (°C)
-50
0
50
100
150
-2
0
2
4
6
(mV)
Vpin5 - Vpin3
Vpin6 - Vpin5
Vcc = 12 V
Vpin3 = 2.9 V
Tj (°C)
-50
0
50
100
150
-2
0
2
4
6
(mV)
Vpin5 - Vpin3
Vpin6 - Vpin5
Vcc = 12 V
Vpin3 = 2.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com