Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563A Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6563A
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6563A Datasheet HTML 28Page - STMicroelectronics L6563A Datasheet HTML 29Page - STMicroelectronics L6563A Datasheet HTML 30Page - STMicroelectronics L6563A Datasheet HTML 31Page - STMicroelectronics L6563A Datasheet HTML 32Page - STMicroelectronics L6563A Datasheet HTML 33Page - STMicroelectronics L6563A Datasheet HTML 34Page - STMicroelectronics L6563A Datasheet HTML 35Page - STMicroelectronics L6563A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Application examples and ideas
L6563 - L6563A
32/39
7
Application examples and ideas
Figure 47. Demo board (EVAL6563-80W) 80W, Wide-range, Tracking Boost: Electrical schematic
Boost inductor spec:
E25x13x7 core, 3C85 ferrite or equivalent
1.6 mm gap for 0.43 mH primary inductance
Primary: 80 turns 20 x 0.1 mm
Secondary: 9 turns 0.1 mm
14
3
P1
1W08G
R11A
1 M
Ω
C1
0.47 µF
400V
C2
33 µF
25V
FUSE
4A/250V
R3A
120 k
Ω
D3
1N4148
D2
20 V
R2
33
Ω
15 nF
C6
R1
47 k
Ω
T
11
12
L6563
13
2
1
C12 220 nF
R6
22
Ω
Q1
STP8NM50
4
C5
56 µF
400 V
Vo=220 to 390 V
Po = 80 W
Vac
(88V to 264V)
R8
37.4 k
Ω
+
-
C7
4.7 nF
D1
STTH2L06
NTC
2.5
Ω
R4
39 k
Ω
C8
1 µF
5
C9
470 nF
6
7
10
8
9
R14
22.1 k
Ω
R13
10.5 k
Ω
R3B
120 k
Ω
R11B
1 M
Ω
R10
15.8 k
Ω
R9A
1 M
Ω
R9B
1 M
Ω
R12A
1 M
Ω
R12A
1 M
Ω
R7A
0.68
Ω
1/2 W
R7B
0.68
Ω
1/2 W
R15
0
Ω
C10
N.A.
R17
390 k
Ω
C11
4.7 nF
R18
47 k
Ω
R20
47 k
Ω
TP1
TP2
Daux
1N4007
C4
100 nF
Figure 48. EVAL6563-80W: PCB and component layout (Top view, real size: 64 x 94 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com