Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA694IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 4Page - Texas Instruments OPA694IDBVT Datasheet HTML 5Page - Texas Instruments OPA694IDBVT Datasheet HTML 6Page - Texas Instruments OPA694IDBVT Datasheet HTML 7Page - Texas Instruments OPA694IDBVT Datasheet HTML 8Page - Texas Instruments OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments OPA694IDBVT Datasheet HTML 11Page - Texas Instruments OPA694IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
1
4
3
2
VideoLoads
dPPositiveVideo
dGNegativeVideo
dPNegativeVideo
dGPositiveVideo
0.08
0.06
0.04
0.02
0
0.16
0.12
0.08
0.04
0
-
50
-
25
+125
+100
+75
+50
+25
0
AmbientTemperature( C)
°
InputOffsetVoltage(V
)
OS
LeftScale
NoninvertingInputBiasCurrent(I
)
BN
RightScale
InvertingInputBiasCurrent(I )
BI
RightScale
1.0
0.5
0
0.5
1.0
-
-
10
5
0
5
10
-
-
-200
-100
200
0
100
OutputCurrent(mA)
R
W
L =100
R
W
L =25
R
W
L =50
1WInternalPowerLimit
1WInternalPowerLimit
Output
Current
Limit
Output
Current
Limit
4
3
2
1
0
1
2
3
4
-
-
-
-
-50
-25
+125
+100
+75
+50
+25
0
AmbientTemperature( C)
°
LeftScale
SourcingOutputCurrent
SinkingOutputCurrent
SupplyCurrent
RightScale
LeftScale
100
90
80
70
60
50
40
10
9
8
7
6
5
4
Time(10ns/div)
R =100W
L
G= 1V/V
-
Input
RightScale
SeeFigure32
Output
LeftScale
4
2
0
2
4
-
-
4
2
0
2
4
-
-
Time(10ns/div)
R =100W
L
G=+2V/V
Input
RightScale
SeeFigure31
Output
LeftScale
8
4
0
4
8
-
-
4
2
0
2
4
-
-
OPA694
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
(No Pulldown)
TYPICAL DC DRIFT OVER TEMPERATURE
Figure 19.
Figure 20.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
NONINVERTING OVERDRIVE RECOVERY
INVERTING OVERDRIVE RECOVERY
Figure 23.
Figure 24.
8
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com