Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA694IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA694IDBVT
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA694IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA694IDBVT Datasheet HTML 9Page - Texas Instruments OPA694IDBVT Datasheet HTML 10Page - Texas Instruments OPA694IDBVT Datasheet HTML 11Page - Texas Instruments OPA694IDBVT Datasheet HTML 12Page - Texas Instruments OPA694IDBVT Datasheet HTML 13Page - Texas Instruments OPA694IDBVT Datasheet HTML 14Page - Texas Instruments OPA694IDBVT Datasheet HTML 15Page - Texas Instruments OPA694IDBVT Datasheet HTML 16Page - Texas Instruments OPA694IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
=
=
V
V
O
I
a
1+
R
R
F
G
(
(
R +R
F
I
Z
(s)
R
R
F
G
(
(
1+
1+
a
NG
R +R
F
I
·
NG
Z
(s)
NG=1+
R
R
F
G
(
(
Z
R +R NG
(s)
F
I·
=LoopGain
R
F
V
O
R
G
R
I
Z
i
(S) ERR
i
ERR
a
V
I
OPA694
www.ti.com
SBOS319G – SEPTEMBER 2004 – REVISED JANUARY 2010
The demonstration fixtures can be requested at the
The key elements of this current-feedback op amp
Texas Instruments web site (www.ti.com) through the
model are:
OPA694 product folder.
a → Buffer gain from the noninverting input to the
inverting input
MACROMODELS AND APPLICATIONS SUPPORT
RI → Buffer output impedance
Computer simulation of circuit performance using
iERR → Feedback error current signal
SPICE
is
often
useful
when
analyzing
the
Z(s)
→
Frequency-dependent,
open-loop
performance of analog circuits and systems. This is
transimpedance gain from iERR to VO
particularly true for video and RF amplifier circuits
The buffer gain is typically very close to 1.00 and is
where parasitic capacitance and inductance can have
normally neglected from signal gain considerations. It
a major effect on circuit performance. A SPICE model
will, however, set the CMRR for a single op amp
for the OPA694 is available through the TI web site
differential amplifier configuration.
(www.ti.com). These models do a good job of
predicting small-signal AC and transient performance
For a buffer gain a < 1.0, the CMRR = –20 × log (1–
under a wide variety of operating conditions. They do
a) dB.
not do as well in predicting the harmonic distortion or
RI, the buffer output impedance, is a critical portion of
dG/df characteristics. These models do not attempt
the bandwidth control equation. RI for the OPA694 is
to
distinguish
between
package
types
in
their
typically about 30
Ω.
small-signal AC performance.
A current-feedback op amp senses an error current in
OPERATING SUGGESTIONS
the inverting node (as opposed to a differential input
error voltage for a voltage-feedback op amp) and
space
passes this on to the output through an internal
frequency
dependent
transimpedance
gain.
The
SETTING RESISTOR VALUES TO OPTIMIZE
Typical
Characteristics
show
this
open-loop
BANDWIDTH
transimpedance response. This is analogous to the
A current-feedback op amp like the OPA694 can hold
open-loop voltage gain curve for a voltage-feedback
an almost constant bandwidth over signal gain
op amp. Developing the transfer function for the
settings with the proper adjustment of the external
circuit of Figure 38 gives Equation 1:
resistor
values.
This
is
shown
in
the
Typical
Characteristic curves; the small-signal bandwidth
decreases only slightly with increasing gain. Those
curves also show that the feedback resistor has been
changed for each gain setting. The resistor values on
the inverting side of the circuit for a current-feedback
(1)
op amp can be treated as frequency response
compensation elements while their ratios set the
where:
signal
gain.
Figure
38
shows
the
small-signal
frequency response analysis circuit for the OPA694.
This is written in a loop-gain analysis format, where
the errors arising from a noninfinite open-loop gain
are shown in the denominator. If Z(s) were infinite
over all frequencies, the denominator of Equation 1
would reduce to 1 and the ideal desired signal gain
shown in the numerator would be achieved. The
fraction in the denominator of Equation 1 determines
the frequency response. Equation 2 shows this as the
loop-gain equation:
(2)
If 20 × log(RF + NG × RI) were drawn on top of the
open-loop
transimpedance
plot,
the
difference
Figure 38. Recommended Feedback Resistor
between the two would be the loop gain at a given
Versus Noise Gain
frequency. Eventually, Z(s) rolls off to equal the
denominator of Equation 2, at which point the loop
Copyright © 2004–2010, Texas Instruments Incorporated
13
Product Folder Link(s): OPA694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com