Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH.B Datasheet(PDF) 19 Page - Texas Instruments

Part # PTH12010LAH.B
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH12010LAH.B Datasheet HTML 15Page - Texas Instruments PTH12010LAH.B Datasheet HTML 16Page - Texas Instruments PTH12010LAH.B Datasheet HTML 17Page - Texas Instruments PTH12010LAH.B Datasheet HTML 18Page - Texas Instruments PTH12010LAH.B Datasheet HTML 19Page - Texas Instruments PTH12010LAH.B Datasheet HTML 20Page - Texas Instruments PTH12010LAH.B Datasheet HTML 21Page - Texas Instruments PTH12010LAH.B Datasheet HTML 22Page - Texas Instruments PTH12010LAH.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
Up
Dn
Sense
V =12V
I
ASIC
VC ORE
VC CI O
I 2
O
PTH12010L
1
10
4
5
6
2
3
9
Tra ck
GND
Inhibit
7
Vadj
Sense
+
V 1=3.3V
O
V 2=1.8V
O
R1
2kW
R5
10k0
R4
100kW
R3
11k0
R1
130 W
C2
330 F
m
C4
330 F
m
C6
0.68 F
m
C5
0.1 F
m
C3
330 F
m
C1
330 F
m
+
+
PTH12020W
7
10
4
5
6
2
3
9
Tra ck
V
I
V
I
V
O
V
O
GND
Inhibit
1
Adjust
+
TL7702B
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
+
8
8
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
Figure 18. Application Circuit Demonstrating Prebias Startup
Notes:
1. Output prebias holdoff is an inherent feature to all PTH120x0L and PTV120x0W/L modules. It has now
been incorporated into all modules (including W-suffix modules with part numbers of the form
PTH120x0W), with a production lot date code of 0423 or later.
2. The prebias start-up feature is not compatible with Auto-Track. If the rise in the output is limited by the
voltage applied to the Track control pin, the output sinks current during the period that the track control
voltage is below that of the back-feeding source. For this reason, it is recommended that Auto-Track be
disabled when not being used. This is accomplished by connecting the Track pin to the input voltage, VI.
This raises the Track pin voltage well above the set-point voltage prior to the module’s start up, thereby,
defeating the Auto-Track feature.
3. To further ensure that the regulator's output does not sink current when power is first applied (even with a
ground signal applied to the Inhibit control pin), the input voltage must always be greater than the applied
prebias source. This condition must exist throughout the power-up sequence of the power system.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com