Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH.B Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH12010LAH.B
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH12010LAH.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH12010LAH.B Datasheet HTML 5Page - Texas Instruments PTH12010LAH.B Datasheet HTML 6Page - Texas Instruments PTH12010LAH.B Datasheet HTML 7Page - Texas Instruments PTH12010LAH.B Datasheet HTML 8Page - Texas Instruments PTH12010LAH.B Datasheet HTML 9Page - Texas Instruments PTH12010LAH.B Datasheet HTML 10Page - Texas Instruments PTH12010LAH.B Datasheet HTML 11Page - Texas Instruments PTH12010LAH.B Datasheet HTML 12Page - Texas Instruments PTH12010LAH.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
R
=10k
x
SET
W
0.8V
-R
k
S
W
V
-V
O
min
(1)
PTH12010W, PTH12010L
SLTS205G – JUNE 2003 – REVISED FEBRUARY 2007
Use Equation 1 to calculate the adjust resistor value. See Table 2 for the parameters, R
S and Vmin.
Table 2. Adjust Formula Parameters
PARAMETER
PTH12010W
PTH12010L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
RS
1.82 k
Ω
7.87 k
Ω
Table 3. Output Voltage Set-Point Resistor Values
PTH12010W
PTH12010L
VO(V)
RSET (kΩ)
VO(V)
RSET (kΩ)
VO
RSET (kΩ)
1.2
Open
2.7
3.51
0.8
Open
1.225
318
2.75
3.34
0.825
312
1.25
158
2.8
3.18
0.85
152
1.275
105
2.85
3.03
0.875
98.8
1.3
78.2
2.9
2.89
0.9
72.1
1.325
62.2
2.95
2.75
0.925
56.1
1.35
51.5
3
2.62
0.95
45.5
1.375
43.9
3.05
2.5
0.975
37.8
1.4
38.2
3.1
2.39
1
32.1
1.425
33.7
3.15
2.28
1.025
27.7
1.45
30.2
3.2
2.18
1.05
24.1
1.475
27.3
3.25
2.08
1.075
21.2
1.5
24.8
3.3
1.99
1.1
18.8
1.55
21
3.35
1.90
1.125
16.7
1.6
18.2
3.4
1.82
1.15
15
1.65
16
3.5
1.66
1.175
13.5
1.7
14.2
3.6
1.51
1.2
12.1
1.75
12.7
3.7
1.38
1.225
11
1.8
11.5
3.8
1.26
1.25
9.91
1.85
10.5
3.9
1.14
1.275
8.97
1.9
9.61
4
1.04
1.3
8.13
1.95
8.85
4.1
0.939
1.325
7.37
2
8.18
4.2
0.847
1.35
6.68
2.05
7.59
4.3
0.761
1.375
6.04
2.1
7.07
4.4
0.680
1.4
5.46
2.15
6.6
4.5
0.604
1.425
4.93
2.2
6.18
4.6
0.533
1.45
4.44
2.25
5.80
4.7
0.466
1.475
3.98
2.3
5.45
4.8
0.402
1.5
3.56
2.35
5.14
4.9
0.342
1.55
2.8
2.4
4.85
5
0.285
1.6
2.13
2.45
4.58
5.1
0.231
1.65
1.54
2.5
4.33
5.2
0.180
1.7
1.02
2.55
4.11
5.3
0.131
1.75
0.551
2.6
3.89
5.4
0.085
1.8
0.130
2.65
3.70
5.5
0.041
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com