Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH125NP-331M Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRH125NP-331M
Description  Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125NP-331M Datasheet(HTML) 3 Page - Sumida Corporation

  CDRH125NP-331M Datasheet HTML 1Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 2Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 3Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH125, CDRH125/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/4
Part Name
※
Stamp
Inductance
(μH)
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated Current
(A)※1
Measuring
frequency
CDRH125NP-331M□
331
330±20%
0.51(0.39)
0.68
1KHz
CDRH125NP-391M□
391
390±20%
0.69(0.53)
0.65
1KHz
CDRH125NP-471M□
471
470±20%
0.77(0.59)
0.58
1KHz
CDRH125NP-561M□
561
560±20%
0.86(0.66)
0.54
1KHz
CDRH125NP-681M□
681
680±20%
1.20(0.92)
0.48
1KHz
CDRH125NP-821M□
821
820±20%
1.34(1.03)
0.43
1KHz
CDRH125NP-102M□
102
1000±20%
1.53(1.18)
0.40
1KHz
◆
Specification (CDRH125/LD)
Part No.
※
Stamp
Inductance
(μH)※1
D.C.R
(Ω)
[Typ.]
D.C.R
(Ω)
[Max.]
Rated
current
(A)※1
Measuring
frequency
CDRH125/LDNP-1R0N□
1R0
1.0±30%
3.8mΩ
5.0mΩ
9.00
7.96MHz
CDRH125/LDNP-2R4N□
2R4
2.4±30%
5.8mΩ
7.5mΩ
8.60
7.96MHz
CDRH125/LDNP-3R3N□
3R3
3.3±30%
7.7mΩ
10.0mΩ
8.20
7.96MHz
CDRH125/LDNP-4R7N□
4R7
4.7±30%
8.9mΩ
11.5mΩ
6.40
7.96MHz
CDRH125/LDNP-5R8N□
5R8
5.8±30%
11.0mΩ
15.0mΩ
6.30
7.96MHz
CDRH125/LDNP-7R5N□
7R5
7.5±30%
14.7mΩ
19.0mΩ
5.60
7.96MHz
CDRH125/LDNP-100N□
100
10±30%
22.5mΩ
29.0mΩ
4.60
100KHz
CDRH125/LDNP-120M□
120
12±20%
24.6mΩ
32.0mΩ
4.20
100KHz
CDRH125/LDNP-150M□
150
15±20%
27.1mΩ
35.0mΩ
4.00
100KHz
CDRH125/LDNP-180M□
180
18±20%
31.8mΩ
41.0mΩ
3.56
100KHz
CDRH125/LDNP-220M□
220
22±20%
33.9mΩ
44.0mΩ
3.28
100KHz
CDRH125/LDNP-270M□
270
27±20%
41.5mΩ
52.0mΩ
3.00
100KHz
CDRH125/LDNP-330M□
330
33±20%
50.0mΩ
65.0mΩ
2.60
100KHz
CDRH125/LDNP-390M□
390
39±20%
60.0mΩ
75.0mΩ
2.40
100KHz
CDRH125/LDNP-470M□
470
47±20%
72.5mΩ
95.0mΩ
2.30
100KHz
CDRH125/LDNP-560M□
560
56±20%
95.4mΩ
125mΩ
2.00
100KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com