Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH125NP-331M Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH125NP-331M
Description  Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125NP-331M Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH125NP-331M Datasheet HTML 1Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 2Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 3Page - Sumida Corporation CDRH125NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH125, CDRH125/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
※
Description of part name
CDRH125NP-100M□
※
1. Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when △t=40℃, whichever is lower(Ta=20℃).
Part No.
※
Stamp
Inductance
(μH)
D.C.R
(Ω)
[Typ.]
D.C.R
(Ω)
[Max.]
Rated
current
(A)※1
Measuring
frequency
CDRH125/LDNP-680M□
680
68±20%
0.110
0.140
1.85
100KHz
CDRH125/LDNP-820M□
820
82±20%
0.121
0.157
1.70
100KHz
CDRH125/LDNP-101M□
101
100±20%
0.144
0.187
1.60
100KHz
CDRH125/LDNP-121M□
121
120±20%
0.175
0.228
1.37
100KHz
CDRH125/LDNP-151M□
151
150±20%
0.218
0.280
1.26
100KHz
CDRH125/LDNP-181M□
181
180±20%
0.259
0.335
1.14
100KHz
CDRH125/LDNP-221M□
221
220±20%
0.303
0.395
1.08
100KHz
CDRH125/LDNP-271M□
271
270±20%
0.403
0.520
0.94
100KHz
CDRH125/LDNP-331M□
331
330±20%
0.547
0.710
0.85
100KHz
CDRH125/LDNP-391M□
391
390±20%
0.614
0.800
0.77
100KHz
CDRH125/LDNP-471M□
471
470±20%
0.711
0.920
0.72
100KHz
CDRH125/LDNP-561M□
561
560±20%
0.956
1.20
0.67
100KHz
CDRH125/LDNP-681M□
681
680±20%
1.08
1.35
0.57
100KHz
CDRH125/LDNP-821M□
821
820±20%
1.17
1.40
0.51
100KHz
CDRH125/LDNP-102M□
102
1000±20%
1.62
1.95
0.46
100KHz
B Box
C Carrier Tape



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com