Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV Datasheet(PDF) 3 Page - Amphenol PCD, Inc

Part # USB3FTV
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV Datasheet(HTML) 3 Page - Amphenol PCD, Inc

  USB3FTV Datasheet HTML 1Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 2Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
88
Coding A
Coding B
Plug with reinforced USB3.0 cordset
n
Shell type 6
Part number type: USB3 FTV 6 x xx x CROS
USB3 FTV 6 x xx x STR
Plug with open reinforced USB3.0 cable
n
Shell type 6
Part number type: USB3 FTV 6 x xx x OPEN
2 codings available for plugs
Series USB3 Field TV
USB3F TV
6
A
03
G
STR
Shell type
6: plug (with cordset)
Coding
A or B
Cordset length
03: 0.3 m [11.81 inches]
05: 0.5 m [19.68 inches]
10: 1 m [39.37 inches]
15: 1.5 m [59.05 inches]
Shells material & finish
G: aluminium shell - olive drab cadmium plating
N: aluminium shell - nickel plating - ROHS compliant
Type of cable *
CROS: high reliability USB3 cable crossed
STR: high reliability USB3 cable straight
OPEN: high reliabilty USB3 cable open  no plug at the end’
Examples: - plug, coding B, with 0.5m length of high reliability USB3 cable crossed, nickel plating: USB3F TV 6 B 05 N CROS
- plug, coding A, with 1m length of high reliability USB3 cable straight, olive drab plating: USB3F TV 6 A 10 G STR
- plug, coding B, with 0.3m length of high reliability USB3 OPEN, nickel plating: USB3F TV 6 B 03 N OPEN
*
IMPORTANT NOTE
• for PC to PC application, use a “CROS” type of cable
• for PC to peripheral application, use a “STR” type of cable
See Configuration use on page 87
Part number code: plugs with cordset.
Main key



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com