Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # USB3FTV
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  USB3FTV Datasheet HTML 1Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 2Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
86
Applications
n
Embedded computers
n
Data acquisition and transmission in harsh
environment
n
Railways
n
Battelfield communication systems
n
Navy systems
USB3F TV (USB-A)
USB connection system for harsh environment
With USB Field, you can insert a standard USB 3.0 cordset into a metallic plug
which will protect it from shocks, dust and fluids.
No hazardous on-field cabling and grounding!
Also available a version including plug + cordset: see next page.
This metallic plug is connected into a receptacle, using a Tri Start Thread cou-
pling mechanism (MIL-DTL-38999 series III type) with anti-decoupling device
for high vibrations.
COMPLIANT
ROHS
N & BZ
Main characteristics
n
Sealed against fluids and dusts (IP68)
n
Shock, vibration and traction resistant
n
No cabling operation in field and no tools required
n
Improved EMI protection
n
Tri Start Thread coupling mechanism (MIL-DTL-38999 series III type) with
anti-decoupling device - Shell size 15
n
2 mechanical coding / polarization possibilities (receptacle insert rotation)
n
USB3F TV plug retention in the receptacle: 100 N in the axis
n
Mating cycles: 500 minimum
Environmental protection
n
Sealing (when mated): IP68 (temporary immersion)
n
Salt spray: 48 h with nickel plating
> 500 h with olive drab cadmium
500 h with marine bronze shell
n
Fire retardant / low smoke: UL94 V0 and NF F 16 101 & 16 102
n
Vibrations: 10 – 500 Hz, 10 g, 3 axes: no discontinuity > 1micro s
n
Shocks: IK06: weight of 250 g drop from 40 cm [15.75 in] onto connectors (mated
pair)
n
Humidity: 21 days, 43°C, 98% humidity
n
Temperature range: - 40°C / +85°C
NEW
USB3.0
Data transmission
USB specification 3.0
Data rate: up to 5Gb/s for high speed USB
Series USB3 Field TV
USB3F TV
2
A
G
Shell type
6: plug (without cordset) - For cordset solution, see page 88.
2: square flange receptacle with female USB3.0 termination - For cordset solution, see page 90.
7: jam nut receptacle with female USB3.0 termination - For cordset solution, see page 90.
Coding (for receptacle only)
A or B
Shells material & finish
G: aluminium shell - olive drab cadmium plating
N: aluminium shell - nickel plating - ROHS compliant
Examples: - plug, olive drab cadmium plating: USB3F TV 6 G
- jam nut receptacle, coding B, nickel plating: USB3F TV 7 B N
Part number code: plug and receptacles without cordset.
Dataspeed
10 x higher
than USB2.0
Dataspeed
10 x higher
than USB2.0
Plug without cordset
n
Shell type 6
Part number type: USB3 FTV 6 x
Nota: assembling instructions on page 89


Similar Part No. - USB3FTV

ManufacturerPart #DatasheetDescription
logo
Amphenol Aerospace Oper...
USB3FTVKEY6A128G AAO-USB3FTVKEY6A128G Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128GCAP AAO-USB3FTVKEY6A128GCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128N AAO-USB3FTVKEY6A128N Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A128NCAP AAO-USB3FTVKEY6A128NCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USB3FTVKEY6A16G AAO-USB3FTVKEY6A16G Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
More results

Similar Description - USB3FTV

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
The RJ45 system for harsh and demanding environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com