Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBFTV Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # USBFTV
Description  2005USB ConnectionSystem for Harsh Environment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USBFTV Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  USBFTV Datasheet HTML 1Page - Amphenol PCD, Inc USBFTV Datasheet HTML 2Page - Amphenol PCD, Inc USBFTV Datasheet HTML 3Page - Amphenol PCD, Inc USBFTV Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Amphenol ®
Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F
Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
www.usbfield.com
Part Number Code
21
G
Shell Type
6 : Plug
2 : Square Flange Receptacle
2PE : Square Flange Receptacle with backshell
7 : Jam Nut Receptacle
7PE : Jam Nut Receptacle with backshell
Back Terminations (Receptacles only)
1 : USB-A receptacle
2 : Solder (4 tined holes)
Shells Plating
N : Nickel
G : Olive Drab Cadmium
USBF TV
USB Field TV
Examples :
- Olive Drab Cadmium Plug : USBF TV 6G
- Olive Drab Cadmium Square Flange Receptacle, USB-A back terminat° : USBF TV 21G
- Olive Drab Cadmium Jam Nut Receptacle, USB-A receptacle back terminat° : USBF TV 71G
- Nickel Jam Nut Receptacle, solder termination : USBF TV 72N
Accessories
• Metallic Caps
2G
Connector Type
6 : Plug
2 : Square Flange Receptacle
7 : Jam Nut Receptacle
Protection de surface
N : Nickel
G : Olive Drab Cadmium
USBF TVC
Plug Cap
Receptacle Cap
Jam Nut receptacle
cap end
Square flange
receptacle cap end
Plug Cap end
• Receptacle Insert removal tool : USBF ODE
• Panel Gasket for square flange receptacle (Thickness : 0,8 mm [.031]) : JE15
Square flange receptacle with Self Closing Cap (cap with a spring inside) :
USBF 21N SCC (*)
Nickel and metallized inserts (EMI)
USBF 21B SCC (*)
Black and blank insert
Note : Panel gasket to use with this version only : JE18
New
!
(*) This P/N includes the square flange
receptacle and the self closing cap



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com