Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBFTV Datasheet(PDF) 1 Page - Amphenol PCD, Inc

Part # USBFTV
Description  2005USB ConnectionSystem for Harsh Environment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USBFTV Datasheet(HTML) 1 Page - Amphenol PCD, Inc

  USBFTV Datasheet HTML 1Page - Amphenol PCD, Inc USBFTV Datasheet HTML 2Page - Amphenol PCD, Inc USBFTV Datasheet HTML 3Page - Amphenol PCD, Inc USBFTV Datasheet HTML 4Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Amphenol ®
Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F
Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
www.usbfield.com
Description
Description
USB Field allows you to use a standard USB 2.0 connection
in harsh environments :
• Sealed against fluids and dusts (IP67)
• Shock, Vibration and Traction resistant
• No cabling operation in field and no tools required
• Mechanical Coding / Polarization (2 positions)
• Improved EMI protection
With USB Field, you can insert a standard USB 2.0 cordset
into a metallic plug which will protect it from shocks, dust and
fluids.
No hazardous in-field cabling and grounding !
This metallic plug is connected into a receptacle, using a Tri
Start Thread coupling mechanism (MIL-DTL-38999 series III
type) with anti-decoupling device for high vibrations.
On the receptacle side, one A USB receptacle is soldered
onto a PCB allowing for the following back terminations :
• another USB-A receptacle
• solder : 4 tined holes on the PCB to solder your wires
The USB 2.0 cordset shielding is transmitted to the USB
receptacle through grounding fingers.
For an outstanding EMI protection, the conductive plated
shells (Ni, Cd) with metallized receptacle inserts, transmit
the shielding to the connector shells and finally to the panel.
Applications
Applications
• Embedded Computers
• Data Acquisition and
Transmission in harsh
environment
For :
• Railways
• Battelfield Communication
Systems
• Navy Systems
USBF TV
USBF TV
Amphenol ®
USB Connection System for
Harsh Environment
Transform your USB
cordset into a Harsh
Environment Connector !


Similar Part No. - USBFTV

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
logo
Amphenol Aerospace Oper...
USBFTVKEY6A2048G AAO-USBFTVKEY6A2048G Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USBFTVKEY6A2048GCAP AAO-USBFTVKEY6A2048GCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USBFTVKEY6A2048N AAO-USBFTVKEY6A2048N Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
USBFTVKEY6A2048NCAP AAO-USBFTVKEY6A2048NCAP Datasheet
255Kb / 2P
Derived from MIL-DTL-38999 series III specification • from 2 GB to 256 GB
More results

Similar Description - USBFTV

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
USB conectionSystem for Harsh Environment
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
2004Ethernet ConnectionSystem for Harsh Environment
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
AC - Harsh Environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
Harsh environment
07.22.15
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
HARSH ENVIRONMENT CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com