Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV2AG Datasheet(PDF) 5 Page - Amphenol PCD, Inc

Part # USB3FTV2AG
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV2AG Datasheet(HTML) 5 Page - Amphenol PCD, Inc

  USB3FTV2AG Datasheet HTML 1Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 2Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
90
USB3F TV (USB-A)
Transversally sealed receptacles
Data transmission
USB specification 3.0
Data rate: up to 5Gb/s for high speed USB
Applications
n
Embedded computers
n
Data acquisition and transmission in harsh
environment
n
Railways
n
Battelfield communication systems
n
Navy systems
In some applications, a transversal sealing for the receptacle is a « must ».
This will prevent fluids and dust from going through the receptacle when
plug or cap are not mated to the receptacle. The sealed solution (version
"S") has a compound at the rear of the receptacle below. In addition,
the Sealed USB3F TV has been successfully tested in very high vibration
corresponding to airplane applications.
COMPLIANT
ROHS
N & BZ
Main characteristics
n
Sealed against fluids and dusts (IP68)
n
Shock, vibration and traction resistant
n
No cabling operation in field and no tools required
n
Improved EMI protection
n
Tri Start Thread coupling mechanism (MIL-DTL-38999 series III type) with anti-
decoupling device - Shell size 15
n
2 mechanical coding/polarization possibilities by the user (receptacle insert rota-
tion)
n
USB3F TV plug retention in the receptacle: 100 N in the axis
n
Mating cycles: 500 minimum
Environmental protection
n
Sealing (when mated): IP68 (temporary immersion)
n
Salt spray: 48 h with nickel plating
> 500 h with olive drab cadmium
500 h with marine bronze shell
n
Fire retardant / Low smoke: UL94 V0 and NF F 16 101 & 16 102
n
Vibrations: 10 – 500 Hz, 10 g, 3 axes: no discontinuity > 1micro s
n
Shocks: IK06 ► weight of 250 g drop from 40 cm [15.75 in] onto connectors
(mated pair)
n
Humidity: 21 days, 43°C, 98% humidity
n
Temperature range: - 40°C / +85°C
Series USB3 Field TV
USB3F TV
2
S
A
03
G
STR
Shell type
2S: square flange receptacle
7S: jam nut receptacle
Coding
A or B
USB cable length
03: 0.3 m [11.81 inches]
05: 0.5 m [19.68 inches]
10: 1 m [39.37 inches]
15: 1.5 m [59.05 inches]
Shells material & finish
G: aluminium shell - olive drab cadmium plating
N: aluminium shell - nickel plating - ROHS compliant
Type of cable *
ACROS: high reliability crossed USB3 cable with plug at the end
ASTR: high reliability straight USB3 cable with plug at the end
OPEN: high reliability cable open = no plug at the end
Examples:
- square flange receptacle, with 0.5m length of high reliability USB3 cable crossed, coding B, nickel plating: USB3F TV 2 S B 05 N CROS
- jam nut receptacle, with 1m length of high reliability USB3 cable straight, coding A, olive drab cadmium plating: USB3F TV 7 S A 10 G STR
- jam nut receptacle, with 0.3m length of high reliability USB3 cable open, coding B, olive drab cadmium plating: USB3F TV 7 S B 03 G OPEN
Part number code
NEW
USB3.0
*
IMPORTANT NOTE
• for PC to PC application, use a “CROS” type of cable
• for PC to peripheral application, use a “STR” type of cable
See Configuration use on page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com