Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV2AG Datasheet(PDF) 10 Page - Amphenol PCD, Inc

Part # USB3FTV2AG
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV2AG Datasheet(HTML) 10 Page - Amphenol PCD, Inc

Back Button USB3FTV2AG Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 9Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 10Page - Amphenol PCD, Inc USB3FTV2AG Datasheet HTML 11Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
95
This Self Closing cap automatically protects the USB3F TV (type A) square flange receptacles (MIL-DTL-38999 type),
protecting your system from dust and water projection.
A spring automatically closes the upper part of the cap when the USB plug is removed from the receptacle.
n
Panel gasket for square flange receptacle
(thickness: 0,8 mm [.031]):
Metallic Self Closing Cap (SCC)
For USB3F TV square flange receptacles.
40
[ 1,5748 ]
24,61
[ 0,969 ]
31
[ 1,2205 ]
4- Ø 3,25
[ 0,128 ]
30,9
[ 0,2165 ]
Part
number
Plating
P/N
Black - ROHS compliant
USBFTVSCCB
Nickel - ROHS compliant
USBFTVSCCN
Olive drab cadmium
USBFTVSCCG
Remark: also compatible with USBFTV 2.0 (type A) & USBBFTV (type B) square flange receptacles.
USBFTV2XX (see page 106)
USBBFTV2XX (see page 110)
Part number:
JE15
Green
Nickel
IMPORTANT NOTE
Metal Self Closing caps are sold separately (without receptacle).
Black
Sealing level
IP67



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com