Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3FTV7AN Datasheet(PDF) 11 Page - Amphenol PCD, Inc

Part # USB3FTV7AN
Description  USB connection system for harsh environment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

USB3FTV7AN Datasheet(HTML) 11 Page - Amphenol PCD, Inc

Back Button USB3FTV7AN Datasheet HTML 3Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 4Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 5Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 6Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 7Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 8Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 9Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 10Page - Amphenol PCD, Inc USB3FTV7AN Datasheet HTML 11Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
96
High Reliability USB 3.0 Cordsets
General construction: this is a USB-3.0 cable containing two 28 AWG 90Ω
USB3.0 parallel shielded pair, one 28 AWG USB2.0 pair, and two 24 AWG
power conductors, overall SFTP shields (SFTP = double shielding, braid and
foild), jacketed in black UV resistant Polyurethane HFFR*. Designed for fixed
or portable applications in industrial and harsh environments.
*HFFR: Halogen Free Flame Retardant.
Jacket compound specification:
Halogen Free Flame Retardant Polyether-based Polyurethane. Glossy finish.
Excellent hydrolysis resistance. High microbial resistance. UV resistant. High
flexibility.
Applications
n
Robotics
n
Motion control
n
Railways
n
CNC machines
n
Battelfield communication
n
Industrial process
PHYSICAL CHARACTERISTICS
DATA CONDUCTORS
Tinned stranded copper, 7/0.13 mm nom (28
AWG)
DATA INSULATION
1 mm nom
COLOR DATA PAIR
Green & white (USB2.0)
Yellow & blue, orange & violet (USB3.0)
POWER CONDUCTORS
Tinned copper, 7/0.2 mm (24 AWG)
POWER INSULATION
1.1 mm nom
COLOR POWER WIRE
Red & Black
SHIELDS
USB 3.0 pair: foil + stranded tinned copper
drain wire.
Overall: foil + shield braiding of tinner copper
wires (coverage 85%).
JACKET
PU compound
COLOR JACKET
Black
WEIGHT
31 lbs/1000ft (46 kg/km)
OUTSIDE DIAM.
0.20 inch (5.7 mm nom. +/- 0.2)
MIN BEND RADIUS
(During operation)
57 mm (10 x O. D.)
MIN BEND RADIUS
(During installation)
28.5mm (5 x O.D.)
TEMPERATURE installation &
operational
Plus 85°C, minus 40°C
COMPLIANT
ROHS
Datas
for cable alone
only
(without USB
plug)
CORDSETS WITH A USBA PLUG OVERMOLDED ON EACH END
Length (m/ft)
CROSSED wiring part number
Black overmolding
STRAIGHT wiring part number
Blue overmolding
UNDER USB3 SPECIFICATION
≤1.8 M
0.5 m / 1.64 ft
USB 3 A A CROSSED 050 PU HFFR
USB 3 A A STRAIGHT 050 PU HFFR
1 m / 3.28 ft
USB 3 A A CROSSED 100 PU HFFR
USB 3 A A STRAIGHT 100 PU HFFR
1.5 m / 4.92 ft
USB 3 A A CROSSED 150 PU HFFR
USB 3 A A STRAIGHT 150 PU HFFR
1.8 m / 5.91 ft
USB 3 A A CROSSED 180 PU HFFR
USB 3 A A STRAIGHT 180 PU HFFR
OUT OF USB3 SPECIFICATION
>1.8 M
2 m / 6.56 ft
USB 3 A A CROSSED 200 PU HFFR
USB 3 A A STRAIGHT 200 PU HFFR
2.5 m / 8.20 ft
USB 3 A A CROSSED 250 PU HFFR
USB 3 A A STRAIGHT 250 PU HFFR
3 m / 9.84 ft
USB 3 A A CROSSED 300 PU HFFR
USB 3 A A STRAIGHT 300 PU HFFR
3.5 m / 11.48 ft
USB 3 A A CROSSED 350 PU HFFR
USB 3 A A STRAIGHT 350 PU HFFR
4 m / 13.12 ft
USB 3 A A CROSSED 400 PU HFFR
USB 3 A A STRAIGHT 400 PU HFFR
4.5 m / 14.76 ft
USB 3 A A CROSSED 450 PU HFFR
USB 3 A A STRAIGHT 450 PU HFFR
5 m / 16.40 ft
USB 3 A A CROSSED 500 PU HFFR
USB 3 A A STRAIGHT 500 PU HFFR
USB3.0 Parallel pair
Conductor resistance
≤ 210 Ohm/km
Insulation resistance
≥ 200 MOhm/km
Capacitance (1 kHz)
nom. 43 nF/km
Time delay
nom. 5.0 ns/m
Time delay skew
≤ 150 ps/10m
Operating voltage (peak)
≤ 100 V
Impedance
90 ±7 Ohm
Test voltage
500 V
ELECTRICAL CHARACTERISTICS
USB2.0 Pair
Electrical requirements acc. to USB2.0
Impedance
90 ±15 Ohm
Test voltage
500 V
Attenuation
USB3.0 pair-db/10m
USB2.0 pair-db/100m
625 MHZ
10
1 MHZ
4
1250 MHZ
15
4 MHZ
7.8
2500 MHZ
25
8 MHZ
11.4
5000 MHZ
36
12 MHZ
13.4
7000 MHZ
47
24 MHZ
19
48 MHZ
27
96 MHZ
38
200 MHZ
64
400 MHZ
116
IMPORTANT NOTE
for PC to PC application,
use a CROSSED cable
for PC to peripheral application
use a STRAIGHT cable
see page 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com