Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBGS-R-28 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # FBGS-R-28
Description  Insulators Ceramic Bead, PFA, and Fiberglass Sleeving
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

FBGS-R-28 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  FBGS-R-28 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A-144
Insulators
Ceramic Bead, PFA, and Fiberglass Sleeving
Gage
20
24
26
28
30
Color
FBGS FBGS FBGS FBGS FBGS
Black
BK
BK
BK
BK
BK
20
24
26
28
30
FBGS FBGS FBGS FBGS FBGS
Yellow
Y
Y
Y
Y
Y
20
24
26
28
30
FBGS FBGS FBGS FBGS FBGS
Blue
B
B
B
B
B
20
24
26
28
30
FBGS FBGS FBGS FBGS FBGS
Purple
P
P
P
P
P
20
24
26
28
30
FBGS FBGS FBGS FBGS FBGS
Red
R
R
R
R
R
20
24
26
28
30
FBGS FBGS FBGS FBGS FBGS
Natural
N
N
N
N
N
20
24
26
28
30
Gage
20
24
26
28
30
Color
TF-BK TF-BK TF-BK TF-BK TF-BK
Black
20
24
26
28
30
TF-B TF-B TF-B TF-B TF-B
Blue
20
24
26
28
30
TF-P TF-P TF-P TF-P TF-P
Purple
20
24
26
28
30
TF-R TF-R TF-R TF-R TF-R
Red
20
24
26
28
30
TF-W TF-W TF-W TF-W TF-W
White
20
24
26
28
30
TF-Y TF-Y TF-Y TF-Y TF-Y
Yellow
20
24
26
28
30
Fiberglass Sleeving
Fiberglass sleeving is ideal for insulating
bare wire in applications not exceeding
480°C (900°F).
PFA Tubing
PFA tubing is used for insulating wires in moist
or corrosive environments where
temperatures do not exceed 230°C (450°F).
Ordering Example: FBGS-BK-20-200, black 20 gage
fiberglass sleeving.
Ordering Example: TF-R-20-200, red 20 gage
PFA tubing.
* All dimensions given are nominal figures only.
† Specify quantity: 500 or 1000 pieces.
Single Hole Fish Spine (FS)
Single Hole Round (SH)
To Order Visit omega.com/sh_dh_fs_ov for Pricing and Details
Material/ Used With
Dimension*
Insulator
Max
Wire Size
Length
OD
Model No.
Temp
AWG/Inch mm (inch) mm (inch)
SH-1-8-100
8/0.128
25 (1)
6.0 (1⁄4)
SH-1-14-100
14/0.064
25 (1)
4.5 (3⁄16)
SH-1-20-100
20/0.032
25 (1)
3.0 (1⁄8)
SH-1-24-100
24/0.020
25 (1)
1.5 (1⁄16)
Material/ Used With
Dimension*
Insulator
Max
Wire Size
Length
OD
Model No.
Temp
AWG/Inch mm (inch) mm (inch)
DH-1-8-100
8/0.128
25 (1)
11.1 (7⁄16)
DH-1-14-100
Mullite
14/0.064
25 (1)
7.0 (9⁄32)
DH-1-20-100
1600°C
20/0.032
25 (1)
4.0 (5⁄32)
DH-1-24-100
(2910°F)
24/0.020
25 (1)
3.0 (1⁄8)
Material/ Used With
Dimension*
Insulator
Max
Wire Size
Length
OD
Thickness
Model No.
Temp
AWG/Inch mm (inch) mm (inch) mm (inch)
OV-1-8-100
Mullite
8/0.128
25 (1)
11.1 (7⁄16) 6.99 (0.275)
OV-1-14-100 1600°C
14/0.064
25 (1)
8.0 (5⁄16)
5.16 (0.203)
OV-1-20-100
20/0.032
25 (1)
4.4 (11⁄64)
3.0 (0.118)
Used With
Dimension*
Material/
Insulator
Wire Size
Length
OD
Max Temp Model No.
AWG/Inch mm (inch)
mm (inch)
FS-400-8-(†)
8/0.128
10.2 (0.40)
10.2 (0.40)
Steatite
FS-330-10-(†)
10/0.102
8.38 (0.33)
8.38 (0.33)
1200°C
FS-260-8-(†)
8/0.128
6.60 (0.26)
6.60 (0.26)
(2190°F)
FS-260-12-(†)
12/0.081
6.60 (0.26)
6.60 (0.26)
FS-200-14-(†)
14/0.064
5.08 (0.20)
5.08 (0.20)
FS-170-18-(†)
18/0.040
4.32 (0.17)
4.32 (0.17)
FS-125-20-(†)
20/0.032
3.18 (0.13)
3.18 (0.13)
FS-110-20-(†)
20/0.032
2.79 (0.11)
2.79 (0.11)
Double Hole Round (DH)
Double Hole Oval (OV)
Mullite
1600°C
(2910°F)
Mullite
1600°C
(2910°F)
Mullite
1600°C
(2910°F)
Steatite
1200°C
(2190°F)


Similar Part No. - FBGS-R-28

ManufacturerPart #DatasheetDescription
logo
FranMar International I...
FBG06 FRANMAR-FBG06 Datasheet
765Kb / 2P
6W 4 : 1 Input S IP-8 Package Regulated DC - DC Converter
FBG06-D05 FRANMAR-FBG06-D05 Datasheet
765Kb / 2P
6W 4 : 1 Input S IP-8 Package Regulated DC - DC Converter
FBG06-D09 FRANMAR-FBG06-D09 Datasheet
765Kb / 2P
6W 4 : 1 Input S IP-8 Package Regulated DC - DC Converter
FBG06-D12 FRANMAR-FBG06-D12 Datasheet
765Kb / 2P
6W 4 : 1 Input S IP-8 Package Regulated DC - DC Converter
FBG06-D15 FRANMAR-FBG06-D15 Datasheet
765Kb / 2P
6W 4 : 1 Input S IP-8 Package Regulated DC - DC Converter
More results

Similar Description - FBGS-R-28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IEC-TO-220V-18 ETC1-IEC-TO-220V-18 Datasheet
30Kb / 1P
TEANSISTOR INSULATORS
IEC-TO-218 ETC2-IEC-TO-218 Datasheet
31Kb / 1P
TRANSISTOR INSULATORS
logo
Vishay Siliconix
3540 VISHAY-3540 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
List of Unclassifed Man...
BU-P2240-0 ETC2-BU-P2240-0 Datasheet
650Kb / 1P
ALLIGATOR CLIPS AND INSULATORS
logo
Hammond Manufacturing L...
PF330DCT12LGSL2 HAMMOND-PF330DCT12LGSL2 Datasheet
375Kb / 1P
PFA 30000 AUSTRITTSFILTER
logo
Richco, Inc.
MNI-6-2 RICHCO-MNI-6-2 Datasheet
76Kb / 1P
MOLDED NYLON INSULATORS
logo
List of Unclassifed Man...
SP-K10 ETC2-SP-K10 Datasheet
337Kb / 2P
Designed to replace ceramic insulators
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
logo
M-System Co.,Ltd.
35406 MSYSTEM-35406 Datasheet
59Kb / 3P
Ceramic Stand-Off Insulators for RF-Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com