Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5321ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Technical Data
ADL5321
Rev. PrB | Page 3 of 9
SPECIFICATIONS
VCC = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
2.3
4.0
GHz
FREQUENCY = 2600 MHz
Gain
13.8
dB
vs. Frequency
± 50 MHz
± 0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
± 0.8
dB
vs. Supply
4.75 V to 5.25 V
± 0.65
dB
Output 1 dB Compression Point
24.9
dBm
Output Third-Order Intercept
∆f = 1 MHz , Output Power (POUT)= 10 dBm per tone
39.7
dBm
Noise Figure
VCC = 5 V
4.1
dB
Input Return Loss (S11)
18.3
dB
Output Return Loss (S22)
10.9
dB
Reverse Isolation (S12)
24.5
dB
FREQUENCY = 3700 MHz
Gain
12.7
dB
vs. Frequency
± 50 MHz
± 0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
± 1.1
dB
vs. Supply
4.75 V to 5.25 V
± 0.07
dB
Output 1 dB Compression Point
26.1
dBm
Output Third-Order Intercept
∆f = 1 MHz , POUT = 10 dBm per tone
34.1
dBm
Noise Figure
VCC = 5 V
5.0
dB
Input Return Loss (S11)
20.6
dB
Output Return Loss (S22)
17.2
dB
Reverse Isolation (S12)
26.4
dB
POWER INTERFACE
Pin RFOUT,
Supply Voltage
4.75
5
5.25
V
Supply Current
84
mA
vs. Temp
−40°C ≤ TA ≤ +85°C
97
mA
Power Dissipation
VCC = 5V
420
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com