Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

  ADL5321ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADL5321
Preliminary Technical Data
Rev. PrB | Page 8 of 9
1
2
(2)
3
ADL5321
C1
10 pF
C2
10 pF
C3
1.0 pF
C7
1.2 pF
C6 10 uF
C5 10 nF
C4 10 pF
L1
9.5 nH
Vsup
Gnd
1
2
3
4
RFIN
RFOUT
Figure 9. Basic Connections for 3500 MHz to 3850 MHz
Figure 10. Evaluation Board Layout showing component placement 3500 MHz to 3850 MHz operation
Table 5. Matching Component Spacing 3500 MHz – 3850 MHz
λ 11
λ 2
λ 3
λ 4
90 mils
35 mils
40 mils
416 mils
1 50 ohm traces 25 mils wide substrate used is FR4.
Table 6. Evaluation Board Configuration Options 3500 MHz – 3850 MHz
Component
Function
Default Value
C1, C2
AC - coupling capacitors
0402 10 pF
C4, C5, C6
Power supply bypassing capacitors
C4 0603 10 pF
C5 0603 10 nF
C6 1206 10μF
L1
DC bias inductor
0603 9.5 nH
C3, C7
Tuning capacitors
C3 0402 1.0 pF
C7 0402 1.2 pF
Vsup, Gnd
Power supply connections
Vsup red testloop
Gnd Black testloop



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com