Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU810 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU810
Description  MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU810 Datasheet(HTML) 1 Page - STMicroelectronics

  BU810 Datasheet HTML 1Page - STMicroelectronics BU810 Datasheet HTML 2Page - STMicroelectronics BU810 Datasheet HTML 3Page - STMicroelectronics BU810 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BU810
MEDIUM VOLTAGE NPN FAST-SWITCHING
DARLINGTON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN DARLINGTON
s
LOW BASE-DRIVE REQUIREMENTS
s
FAST SWITCHING SPEED
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
HORIZONTAL DEFLECTION FOR
MONOCHROME TVs
s
GENERAL PURPOSE SWITCHING
DESCRIPTION
The BU810 is a Multiepitaxial Planar NPN
Transistor in TO-220 package. It is intended for
use in high frequency and efficency converters,
switching regulators and motor control.
INTERNAL SCHEMATIC DIAGRAM
June 1997
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
600
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
7
A
ICM
Collector Peak Current
10
A
IB
Base Current
2
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC75
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Junction Temperature
150
oC
1
2
3
TO-220
R = 200
Ω
1/4


Similar Part No. - BU810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
logo
Inchange Semiconductor ...
BU810 ISC-BU810 Datasheet
251Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
More results

Similar Description - BU810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU806 STMICROELECTRONICS-BU806 Datasheet
59Kb / 4P
MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS
Oct-2003
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
BUL85D STMICROELECTRONICS-BUL85D Datasheet
244Kb / 7P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2002
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
09-Dec-2005
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com