Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU810 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU810
Description  MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU810 Datasheet(HTML) 2 Page - STMicroelectronics

  BU810 Datasheet HTML 1Page - STMicroelectronics BU810 Datasheet HTML 2Page - STMicroelectronics BU810 Datasheet HTML 3Page - STMicroelectronics BU810 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.66
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 600 V
200
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 400 V
1
mA
IEBO
∗
Emitter Cut-off
Current (IC = 0)
VEB = 5 V
150
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.1 A
400
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 2 A
IB = 20 mA
IC = 4 A
IB = 200 mA
IC = 7 A
IB = 0.7 A
2
2.5
3
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 2 A
IB = 20 mA
IC = 4 A
IB = 200 mA
2.2
3
V
V
VF
Diode Forward Voltage IF = 7 A
3
V
RESISTIVE SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ton
ts
tf
Turn-on Time
Storage Time
Fall Time
VClamp = 250V
IC = 2A
IB1 = 20mA
VBE(off) = -5 V
0.6
1.5
0.5
µs
µs
µs
INDUCTIVE SWITCHING TIMES
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ts
tf
Storage Time
Fall Time
VClamp = 250V
IC = 2A
IB1 = 20mA
VBE(off) = -5 V
L = 500
µH
1.5
0.4
µs
µs
ts
tf
Storage Time
Fall Time
VClamp = 250V
IC = 7A
IB1 = 0.7A
VBE(off) = -5 V
L = 500
µH
1.5
0.4
µs
µs
* Pulsed : Pulse duration = 300
µs, duty cycle = 2%
BU810
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com