Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 8Page - STMicroelectronics L6206 Datasheet HTML 9Page - STMicroelectronics L6206 Datasheet HTML 10Page - STMicroelectronics L6206 Datasheet HTML 11Page - STMicroelectronics L6206 Datasheet HTML 12Page - STMicroelectronics L6206 Datasheet HTML 13Page - STMicroelectronics L6206 Datasheet HTML 14Page - STMicroelectronics L6206 Datasheet HTML 15Page - STMicroelectronics L6206 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Circuit description
L6206
12/29
DocID07617 Rev 4
5.2
Logic inputs
Pins IN1A, IN2A, IN1B, IN2B, ENA and ENB are TTL/CMOS compatible logic inputs. The
internal structure is shown in Figure 6. Typical value for turn-on and turn-off thresholds are
respectively Vth(ON) = 1.8 V and Vth(OFF) = 1.3 V.
Pins ENA and ENB are commonly used to implement overcurrent and thermal protection by
connecting them respectively to the outputs OCDA and OCDB, which are open drain
outputs. If that type of connection is chosen, some care needs to be taken in driving these
pins. Two configurations are shown in Figure 7 and Figure 8. If driven by an open drain
(collector) structure, a pull-up resistor REN and a capacitor CEN are connected as shown in
Figure 7. If the driver is a standard push-pull structure, the resistor REN and the capacitor
CEN are connected as shown in Figure 8. The resistor REN should be chosen in the range
from 2.2 k
 to 180 K. Recommended values for REN and CEN are respectively 100 K
and 5.6 nF. More information on selecting the values is found in Section 5.3: Non-dissipative
overcurrent detection and protection.
Figure 6. Logic inputs internal structure
Figure 7. ENA and ENB pins open collector driving
Figure 8. ENA and ENB pins push-pull driving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com