Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6206
Description  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6206 Datasheet HTML 21Page - STMicroelectronics L6206 Datasheet HTML 22Page - STMicroelectronics L6206 Datasheet HTML 23Page - STMicroelectronics L6206 Datasheet HTML 24Page - STMicroelectronics L6206 Datasheet HTML 25Page - STMicroelectronics L6206 Datasheet HTML 26Page - STMicroelectronics L6206 Datasheet HTML 27Page - STMicroelectronics L6206 Datasheet HTML 28Page - STMicroelectronics L6206 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Revision history
L6206
28/29
DocID07617 Rev 4
8
Revision history
Table 11. Document revision history
Date
Revision
Changes
03-Sep-2003
1
Initial release.
24-Feb-2014
2
Updated Section : Description on page 1 (removed “MultiPower-”
from “MultiPower-BCD technology”).
Added Contents on page 2.
Updated Section 1: Block diagram (added section title, numbered
and moved Figure 1: Block diagram from page 1 to page 3).
Added title to Section 2: Maximum ratings on page 4, added
numbers and titles from Table 1: Absolute maximum ratings to
Table 3: Thermal data.
Added title to Section 3: Pin connections on page 6, added number
and title to Figure 2: Pin connections (top view), renumbered note 1
below Figure 2, added title to Table 4: Pin description.
Added title to Section 4: Electrical characteristics on page 8, added
title and number to Table 5, renumbered notes 1 to 3 below Table 5.
Renumbered Figure 3 and Figure 4.
Added section numbers to Section 5: Circuit description on page 11,
Section 5.1 to Section 5.4. Removed “and uC” from first sentence in
Section 5.2. Renumbered Table 6 and Table 7, added header to
Table 6. Renumbered Figure 5 to Figure 13. .
Added section numbers to Section 6: Application information on
page 17, Section 6.1 to Section 6.3. Renumbered Table 8, added
header to Table 8. Renumbered Figure 14 to Figure 29.
Updated Section 7: Package information on page 26 (added main
title and ECOPACK text. Added titles from Table 9: PowerSO36
package mechanical data to Table 11: SO24 package mechanical
data and from Figure 30: PowerSO36 package outline to Figure 32:
SO24 package outline, reversed order of named tables and figures.
Removed 3D figures of packages, replaced 0.200 by 0.020 inch of
max. B value in Table 11).
Added cross-references throughout document.
Added Section 8: Revision history and Table 12.
Minor modifications throughout document.
13-Mar-2017
3
Updated Table 8 on page 17 (removed CREF row).
Updated Figure 14 on page 17 (replaced by new figure and title).
Updated Figure 15 on page 18, Figure 16 on page 19, and Figure 17
on page 20 [added “(with reference to 24-pin packages)” to titles].
Minor modifications throughout document.
03-Oct-2018
4
Removed PowerDIP24 package from the whole document.
Removed “Tj“ from Table 2 on page 4.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com