Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G79DBVT.B Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1G79DBVT.B
Description  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79DBVT.B Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G79DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
C
B
A
Not to scale
GND
Q
CLK
D
VCC
2
CLK
3
4
GND
V
CC
5
D
Q
1
5
1
V
CC
D
2
CLK
3
4
GND
Q
3
SN74LVC1G79
www.ti.com
SCES220U – APRIL 1999 – REVISED APRIL 2017
Product Folder Links: SN74LVC1G79
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
See mechanical drawings for dimensions.
DRL Package
5-Pin SOT
Top View
YZP Package
5-Pin DSBGA
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV, DCK,
DRL
YZP
D
1
A1
I
Data input
CLK
2
B1
I
Positive-Edge-Triggered Clock input
GND
3
C1
—
Ground
Q
4
C2
O
Non-inverted output
VCC
5
A2
—
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com