Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1G79DBVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G79DBVT.B
Description  SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G79DBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G79DBVT.B Datasheet HTML 1Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 2Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 3Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 4Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 5Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 6Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 7Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G79DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
C
C
TG
C
C
TG
C
C
C
C
C
CLK
D
Q
C
TG
TG
2
1
4
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G79
SCES220U – APRIL 1999 – REVISED APRIL 2017
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
1
1 Features
1
•
Available in the Texas Instruments
NanoFree™ Package
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
•
Supports 5-V VCC Operation
•
Inputs Accept Voltages to 5.5 V
•
Supports Down Translation to VCC
•
Max tpd of 6 ns at 3.3 V and 50 pF load
•
Low Power Consumption, 10-µA Max ICC
•
±24-mA Output Drive at 3.3 V
•
Ioff supports Partial-Power-Down Mode and Back-
Drive Protection
2 Applications
•
Test and Measurement
•
Enterprise Switching
•
Telecom Infrastructure
•
Personal Electronics
•
White Goods
3 Description
The SN74LVC1G79 device is a single positive-edge-
triggered D-type flip-flop that is designed for 1.65-V to
5.5-V VCC operation.
When data at the data (D) input meets the setup time
requirement, the data is transferred to the Q output
on the positive-going edge of the clock pulse. Clock
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
the hold-time interval, data at the D input can be
changed without affecting the level at the output.
NanoFree™
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs when the device is powered down. This
inhibits current backflow into the device which
prevents damage to the device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
SN74LVC1G79DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1G79DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G79DRL
SOT (5)
1.60 mm × 1.20 mm
SN74LVC1G79YZP
DSBGA (5)
1.14 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1G79DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79DBVT TI-SN74LVC1G79DBVT Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DBVT TI1-SN74LVC1G79DBVT Datasheet
1,003Kb / 20P
Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79DBVTE4 TI-SN74LVC1G79DBVTE4 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79DBVTG4 TI1-SN74LVC1G79DBVTG4 Datasheet
1,003Kb / 20P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Similar Description - SN74LVC1G79DBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com