Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5622ADDVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5622ADDVR
Description  TAS5622A 125-W Stereo and 250-W Stereo PurePath™ HD Digital-Input Class-D Power Stage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5622ADDVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5622ADDVR Datasheet HTML 17Page - Texas Instruments TAS5622ADDVR Datasheet HTML 18Page - Texas Instruments TAS5622ADDVR Datasheet HTML 19Page - Texas Instruments TAS5622ADDVR Datasheet HTML 20Page - Texas Instruments TAS5622ADDVR Datasheet HTML 21Page - Texas Instruments TAS5622ADDVR Datasheet HTML 22Page - Texas Instruments TAS5622ADDVR Datasheet HTML 23Page - Texas Instruments TAS5622ADDVR Datasheet HTML 24Page - Texas Instruments TAS5622ADDVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
44
43
42
41
31
13
14
15
16
17
18
27
28
29
30
32
1
2
3
4
5
6
7
8
9
10
11
12
33
34
35
36
40
39
38
37
M3
19
20
21
22
OC _
ADJ
VDD
23
24
25
26
M2
M1
/OTW
/FAULT
INPUT_D
INPUT_C
GND
GND
GND
INPUT_B
INPUT_A
C_START
/RESET
PVDD_CD
GND
BST_A
PVDD_AB
GND
OUT_B
BST_B
GND
OUT_C
PVDD_CD
OUT_A
PVDD_AB
GND
BST_C
BST_D
OUT_D
GVDD_AB
GVDD_CD
GND
GND
OUT_D
OUT_A
PVDD_AB
PVDD_CD
/CLIP
GND
DVDD
AVDD
33nF
220 nF
100 nF
33nF
470 uF
10 µH
10 µH
10nF
10nF
100 nF
33nF
220 nF
100 nF
33nF
470 uF
10 µH
10 µH
100 nF
PVDD
GND
/RESET
1uF
1uF
100 nF
R
OC-ADJUST
100 nF
100 nF
100 nF
PWM_A
PWM_B
PWM_C
PWM_D
/FAULT
/OTW
/CLIP
10uF
+12V
GND
3R3
10nF
10nF
1 nF
1nF
1nF
1nF
220 nF
220 nF
470 nF
470 nF
3.3R
3.3R
3R3
3R3
3R3
TAS5622A
www.ti.com
SLAS845A – MAY 2012 – REVISED MARCH 2015
8.2 Typical Applications
8.2.1 Typical BTL Application
Figure 16. Typical Differential (2N) BTL Application With AD Modulation Filters
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5622A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com