Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5622ADDVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5622ADDVR
Description  TAS5622A 125-W Stereo and 250-W Stereo PurePath™ HD Digital-Input Class-D Power Stage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5622ADDVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5622ADDVR Datasheet HTML 18Page - Texas Instruments TAS5622ADDVR Datasheet HTML 19Page - Texas Instruments TAS5622ADDVR Datasheet HTML 20Page - Texas Instruments TAS5622ADDVR Datasheet HTML 21Page - Texas Instruments TAS5622ADDVR Datasheet HTML 22Page - Texas Instruments TAS5622ADDVR Datasheet HTML 23Page - Texas Instruments TAS5622ADDVR Datasheet HTML 24Page - Texas Instruments TAS5622ADDVR Datasheet HTML 25Page - Texas Instruments TAS5622ADDVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
TAS5622A
SLAS845A – MAY 2012 – REVISED MARCH 2015
www.ti.com
8.2.1.1 Design Requirements
See Figure 16 for application schematic. In this application, differential PWM inputs are used with AD modulation
from the PWM modulator (that is, TAS5558). AD modulation scheme is defined as PWM(+) is opposite polarity
from PWM(-).
8.2.1.2 Detailed Design Procedure
•
Pin 1 - GVDD_AB is the gate drive voltage for half-bridges A and B. It needs a 3.3-
Ω isolation resistor and a
0.1-µF decoupling capacitor.
•
Pin 2 - VDD is the supply for internal voltage regulators AVDD and DVDD. It needs a 10-µF bulk capacitor
and a 0.1-µF decoupling capacitor.
•
Pin 3 - Roc adjust is the overcurrent programming resistor. Depending on the application, this resistor can be
between 24 k
Ω to 68 kΩ.
•
Pin 4 - RESET pin when asserted, it keeps outputs high Z and no PWM switching. This pin can be controlled
by a microprocessor.
•
Pins 5 and 6 - These are PWM (+) and PWM (–) pins with signals provided by a PWM modulator such as
TAS5558. These are PWM differential pair.
•
Pin 7 - Start-up ramp capacitor should be 0.1 µF for BTL configuration.
•
Pin 8 - Digital output supply pin is connected to 1-µF decoupling capacitor.
•
Pins 9-12 - Ground pins are connected to board ground.
•
Pin 13 - Analog output supply pin is connected to 1-µF decoupling capacitor.
•
Pins 14 and 15 - These are PWM (+) and PWM (–) pins with signals provided by a PWM modulator such as
TAS5558. These are PWM differential pair.
•
Pin 16 - Fault pin can be monitored by a microcontroller through GPIO pin. System can decide to assert reset
or shutdown.
•
Pin 17 - Overtemperature warning pin can be monitored by a micro-controller through a GPIO pin. System
can decide to turn on fan or lower output power.
•
Pin 18 - Output clip indicator can be monitored by a microcontroller through a GPIO pin. System can decide
to lower the volume.
•
Pins 19-21 - Mode pins set the input and output configurations. For this configuration M1-M3 are grounded.
These mode pins must be hardware configured, such as, not through GPIO pins from a microcontroller.
•
Pin 22 - GVDD_CD is the gate drive voltage for half-bridges C and D. This pin needs a 3.3-
Ω isolation
resistor and a 0.1-µF decoupling capacitor.
•
Pins 23, 24, 43, 44 - Bootstrap pins for half-bridges A, B, C, and D. Connect 33 nF from this pin to
corresponding output pins.
•
Pins 25, 26, 33, 34, 41, 42 - These ground pins should be used to ground decoupling capacitors from
PVDD_X.
•
Pins 27, 28, 32, 35, 39, 40 - Output pins from half-bridges A, B, C, and D. Connect appropriate bootstrap
capacitors and differential LC filter as shown in Figure 16.
•
Pins 29, 30, 31, 36, 37, 38 - Power supply pins to half-bridges A, B, C, and D. A and B form a full-bridge and
C and D form another full-bridge. A 470-µF bulk capacitor is recommended for each full-bridge power pins.
Two 0.22-µF decoupling capacitors are placed on each full-bridge power pins. See Figure 16 for details.
22
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5622A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com