Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6002IDWPR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 2 Page - Texas Instruments

  THS6002IDWPR.A Datasheet HTML 1Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 2Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 3Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 4Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 5Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 6Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 7Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 8Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The THS6002 is packaged in the patented PowerPAD package. This package provides outstanding thermal
characteristics in a small footprint package, which is fully compatible with automated surface mount assembly
procedures. The exposed thermal pad on the underside of the package is in direct contact with the die. By simply
soldering the pad to the PWB copper and using other thermal outlets, the heat is conducted away from the
junction.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PowerPAD PLASTIC
SMALL OUTLINE†
(DWP)
EVALUATION
MODULE
0
°C to 70°C
THS6002CDWP
THS6002EVM
−40
°C to 85°C
THS6002IDWP
† The DWP packages are available taped and reeled. Add an R suffix to the
device type (i.e., THS6002CDWPR)
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC+ to VCC−
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (driver and receiver)
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (driver) (see Note 1)
800 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (receiver) (see Note 1)
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (driver and receiver)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C (see Note 1)
5.8 W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature, TA
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature, 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The THS6002 incorporates a PowerPad on the underside of the chip. This acts as a heatsink and must be connected to a thermal
dissipation plane for proper power dissipation. Failure to do so can result in exceeding the maximum junction temperature, which could
permanently damage the device. See the Thermal Information section of this document for more information about PowerPad
technology.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VCC+ and VCC −
Split supply
±4.5
±16
V
Supply voltage, VCC+ and VCC −
Single supply
9
32
V
Operating free-air temperature, TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com