Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6002IDWPR.A Datasheet(PDF) 32 Page - Texas Instruments

Part # THS6002IDWPR.A
Description  ‘DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002IDWPR.A Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS6002IDWPR.A Datasheet HTML 28Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 29Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 30Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 31Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 32Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 33Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 34Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 35Page - Texas Instruments THS6002IDWPR.A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202E− JANUARY 1998− REVISED MARCH 2007
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
PCB design considerations (continued)
Additional 4 vias outside of thermal pad area
but under the package
Via diameter = 25 mils (0,635 mm))
Thermal pad area (150 mils x 170 mils)
(3,81 mm x 4,32 mm) with 5 vias
Via diameter = 13 mils(0,33 mm)
Figure 57. PowerPad PCB Etch and Via Pattern
The actual thermal performance achieved with the THS6002 in its PowerPAD package depends on the
application. In the previous example, if the size of the internal ground plane is approximately 3 inches
× 3 inches
(76,2 mm x 76,2 mm), then the expected thermal coefficient,
θJA, is about 21.5_C/W. For a given θJA, the
maximum power dissipation is shown in Figure 58 and is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS6002 (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case (0.37°C/W)
θCA = Thermal coefficient from case to ambient
More complete details of the PowerPAD installation process and thermal management techniques can be found
in the Texas Instruments Technical Brief, PowerPAD Thermally Enhanced Package. This document can be
found at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also be
ordered through your local TI sales office. Refer to literature number SLMA002 when ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com