Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 16 Page - Texas Instruments

Part # TL331
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL331 Datasheet HTML 12Page - Texas Instruments TL331 Datasheet HTML 13Page - Texas Instruments TL331 Datasheet HTML 14Page - Texas Instruments TL331 Datasheet HTML 15Page - Texas Instruments TL331 Datasheet HTML 16Page - Texas Instruments TL331 Datasheet HTML 17Page - Texas Instruments TL331 Datasheet HTML 18Page - Texas Instruments TL331 Datasheet HTML 19Page - Texas Instruments TL331 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
the input voltage range to as high as VCC – 1.5V and as low as 0V. Operation outside of this range can yield
incorrect comparisons.
Below is a list of input voltage situation and the outcomes:
1. When both IN- and IN+ are both within the common mode range:
a. If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
b. If IN- is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN- is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN- is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN- and IN+ are both higher than common mode, see Section 2 of Application Design Guidelines for
LM339, LM393, TL331 Family Comparators Including the New B-versions.
7.2.2.2 ESD Protection
The TL331x-Q1 family have dedicated ESD protection on all the pins for improved ESD performance as well as
improved negative input voltage handling. Please see Application Note SNOAA35 for more information.
7.2.2.3 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the
comparator over the offset voltage (VIO). To make an accurate comparison the Overdrive Voltage (VOD) must
exceed the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator,
with the response time decreasing with increasing overdrive. Figure 7-2 and Figure 7-3 show positive and
negative response times with respect to overdrive voltage.
7.2.2.4 Output and Drive Current
Output current is determined by the load/pull-up resistance and logic/pull-up voltage. The output current
determines the output low voltage (VOL) from the comparator. VOL is proportional to the output current. Use
Output Low Voltage vs. Output Sinking Current at 5V to determine VOL based on the output current.
The output current can also effect the transient response. More is explained in the next section.
7.2.2.5 Response Time
Response time is a function of input over drive. See Application Curves for typical response times. The rise
and fall times can be determined by the load capacitance (CL), load/pullup resistance (RPULLUP), and equivalent
collector-emitter resistance (RCE).
• The rise time (τR) is approximately τR = RPULLUP × CL
• The fall time (τF) is approximately τF = RCE × CL
– RCE can be determined by taking the slope of Output Low Voltage vs. Output Sinking Current at 5V in the
linear region at the desired temperature, or by dividing the VOL by Iout
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com