Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 19 Page - Texas Instruments

Part # TL331
Description  TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL331 Datasheet HTML 15Page - Texas Instruments TL331 Datasheet HTML 16Page - Texas Instruments TL331 Datasheet HTML 17Page - Texas Instruments TL331 Datasheet HTML 18Page - Texas Instruments TL331 Datasheet HTML 19Page - Texas Instruments TL331 Datasheet HTML 20Page - Texas Instruments TL331 Datasheet HTML 21Page - Texas Instruments TL331 Datasheet HTML 22Page - Texas Instruments TL331 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (August 2023) to Revision H (January 2025)
Page
• Added TL331E-Q1 throughout............................................................................................................................1
• Removed Legacy device graphs........................................................................................................................ 8
• Updated Functional Block Diagram ................................................................................................................. 14
• Added mention of VCM clamp..........................................................................................................................14
• Updated ESD Protection Section..................................................................................................................... 16
Changes from Revision F (January 2021) to Revision G (August 2023)
Page
• Added reference to Application Note................................................................................................................15
Changes from Revision E (November 2020) to Revision F (January 2021)
Page
• Corrected front page link text to add missing "B"............................................................................................... 1
Changes from Revision D (June 2020) to Revision E (November 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed TL331B-Q1 and TL391B-Q1 minimum recommended supply voltage to 2V throughout data sheet..1
• Corrected supply voltages for all devices in Family Comparison Table..............................................................1
• Added TL331B-Q1 and TLV391B-Q1 Typical Graphs........................................................................................8
Changes from Revision C (October 2013) to Revision D (June 2020)
Page
• Added B device. Updated to current TI data sheet format. Modified front page text to highlight B version....... 1
• Added Family Comparison Table........................................................................................................................1
• Added Links to Family Table ..............................................................................................................................1
Changes from Revision B (September 2012) to Revision C (October 2013)
Page
• Changed VICR in the Electrical Characteristics...................................................................................................7
• Changed test conditions of IOL in the Electrical Characteristics......................................................................... 7
Changes from Revision A (July 2010) to Revision B (September 2012)
Page
• Changed VICR in the Electrical Characteristics...................................................................................................7
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TL331-Q1, TL331B-Q1, TL391B-Q1
SLVS969H – OCTOBER 2009 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TL331-Q1 TL331B-Q1 TL391B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com