Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP810 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CEP810
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP810 Datasheet(HTML) 1 Page - Sumida Corporation

  CEP810 Datasheet HTML 1Page - Sumida Corporation CEP810 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP810
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆ Product Description
・9.8×9.0mm Max.(L×W),10.5mm Max. Height.
◆ Feature
・xDSL line transformer.
・Ideally used in ADSL/VDSL Central Office.
・Approved by Broadcom,Conexant and Infineon.
・RoHS Compliance.
◆ Dimensions (mm)
◆ Land Pattern (mm)
◆Schematics(Bottom)
1.2
[.047]
2.1
[.083]
2.5
[.098]
7.5
[.295]
8.7
[.343]
10.2
[.402]
1
4
8
5
6
7
Line
Chip
3
1
4
8
5
6
7
Line
Chip
3
2
(B)
(A)
9.8 MAX
[.386]
Part Number
Country of Origin
sumida
9.0 MAX
[.354]
4
5
Date Code
1
8
8x0.7
[.028]
10.5 MAX
[.413]
6x2.5
[.098]
1
4
5


Similar Part No. - CEP810

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP810B SUMIDA-CEP810B Datasheet
106Kb / 1P
xDSL Transformer
CEP810 SUMIDA-CEP810_14 Datasheet
108Kb / 2P
ADSL Transformer
More results

Similar Description - CEP810

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEP1311 SUMIDA-CEP1311 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP78B SUMIDA-CEP78B Datasheet
47Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP79 SUMIDA-CEP79 Datasheet
41Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP710 SUMIDA-CEP710 Datasheet
173Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP710B SUMIDA-CEP710B Datasheet
115Kb / 1P
ADSL Transformer
CEP711 SUMIDA-CEP711 Datasheet
108Kb / 1P
ADSL Transformer
CEP911 SUMIDA-CEP911 Datasheet
39Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP1010 SUMIDA-CEP1010 Datasheet
148Kb / 1P
ADSL Transformer< SMD Type: CEP Series>
CEP1311C SUMIDA-CEP1311C Datasheet
141Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
CEP1311E SUMIDA-CEP1311E Datasheet
183Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com