Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP810 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP810
Description  ADSL Transformer< SMD Type: CEP Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP810 Datasheet(HTML) 2 Page - Sumida Corporation

  CEP810 Datasheet HTML 1Page - Sumida Corporation CEP810 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADSL Transformer< SMD Type: CEP Series>
Type: CEP810
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part No.
Inductance
(nom. µH)
Turns ratio
THD (dB) (TYP.)
Insulation
Application
C10107
1000
0.9:1
-75(25 k, 2.0V)
Functional
ADSL CO
C10138
1100
0.408:1
-76.2(25k,5V)
Functional
ADSL CO
C10141
100
0.408:1
-80 (50k,2.5V)
Functional
ADSL CO
C10149
1200
2.3:1
-82.9 (25k,4V)
Supplementary
ADSL CO
C10168
1444
1.31:1
-89.8( 30k,2V)
Basic
ADSL CO
C10169
82
1.33:1
Basic
ADSL CO
C10176
750
0.408:1
-75 (25k,2V)
Functional
ADSL CO
C10177
1200
3:1
-94.2 (40k,2V)
Supplementary
ADSL CO
C10178
400
1:1.4
-88.4 (40k,2V)
Supplementary
ADSL CO
C10197
99
0.9:1
-80 (50k,2.5V)
Functional
ADSL CO
C10199
99
0.408:1
-80 (50k,2.5V)
Basic
ADSL CO
C10203
99
0.9:1
-80 (50k,2.5V)
Basic
ADSL CO
C10204
420
1.2:1
-80(30k,1.4V)
Basic
ADSL CO
C14103
800
2:1
-80.0 (50K,5V)
Basic
VDSL
C14106
470
1.33:1
-80.0 (30K,1V)
Functional
VDSL
C14109
270
1.33:1
-85.0 (138K,2V)
Functional
VDSL
C14119
270
1.33:1
-85.0 (138K,2V)
Supplementary
VDSL
C14120
800
1.3:1
-75 (50k,5V)
Functional
VDSL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com