Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4CC-3003 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4CC-3003
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4CC-3003 Datasheet(HTML) 6 Page - Omron Electronics LLC

  D4CC-3003 Datasheet HTML 1Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 2Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 3Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 4Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 5Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 6Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 7Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 8Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
D4CC
Special Mounting Plates (Limit Switches are not attached to the Plates.)
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Remarks
There is no difference in mounting pitch between the Mounting Plate
and the WL. The mounting depth of the D4CC with the Mounting Plate
attached is, however, shorter than that of the panel-mounted WL.
34
(OP of WLD)
18.3
58.7±0.2
15.7
7
13.1
5.1±0.2
Two, M5
× 0.8
tapped hole *2
95
11 dia.
1.3
44
4-2R
30.2±0.2
30
34.1
*1. All the holes with 5.2
dia. must be used
with M5
× 10 Allen-head bolts.
*2. All the M5-tapped holes must be used with M5
hexagonal flat head bolts.
25±0.2
Four, 5.2
+0.2
0
dia. holes *1
+0.2
0
D4C-P001 (For D4CC-
@001)
Note: Four hexagonal flat head bolts
(M5
× 0.8, length: 10) and two
Allen-head bolts (M5
× 0.8,
length: 15) are included.
44
15.5
28.5
9.5
13.1
95
1.3
34.1
44
4-2R
30
11 dia.
(OP of WLD2)
25±0.2
58.7±0.2
30.2±0.2
5.1±0.2
Two, M5
× 0.8
tapped hole *2
*1. All the holes with 5.2
dia. must be used
with M5
× 10 Allen-head bolts.
*2. All the M5-tapped holes must be used with M5
hexagonal flat head bolts.
+0.2
0
Four, 5.2
+0.2
0
dia. holes *1
D4C-P002 (For D4CC-
@002)
Note: Four hexagonal flat head bolts
(M5
× 0.8, length: 10) and two
Allen-head bolts (M5
× 0.8,
length: 15) are included.
75
14.7
Two, 4
+0.12
0
dia.
(for positioning),
into which a spring
pin is press-fitted.
1.3
58.7±0.2
11 dia.
44
4-2R
34.1
30
25±0.1
53±1.5
9±0.2
9.2±0.2
5±0.2
Two, M5
× 0.8
tapped hole *2
30.2±0.2
*1. All the holes with 5.2
dia. must be used
with M5
× 10 Allen-head bolts.
*2. All the M5-tapped holes must be used with M5
hexagonal flat head bolts.
+0.2
0
Four, 5.2
+0.2
0
dia. holes *1
D4C-P020 (For D4CC-
@024)
Note: Four hexagonal flat head bolts
(M5
× 0.8, length: 10), two
Allen-head bolts (M5
× 0.8,
length: 15), and two spring
pins (4
× 14) are included.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com