Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4CC-3003 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4CC-3003
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4CC-3003 Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4CC-3003 Datasheet HTML 1Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 2Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 3Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 4Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 5Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 6Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 7Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 8Page - Omron Electronics LLC D4CC-3003 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
D4CC
The
@ in each model number is replaced with the code expressing the rated load of the model. Refer to Model Number Legend.
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
* The TT is a reference value.
Applicable Cables
Select one of the specified Connector Plugs from the following table.
Operating Characteristics
Model
D4CC-
@032
D4CC-
@033
D4CC-
@050
D4CC-
@060
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF
RF
PT
OT
MD
max.
min.
max.
min.
max.
17.65 N
4.41 N
1.8 mm
3 mm
0.2 mm
17.65 N
4.41 N
1.8 mm
3 mm
0.2 mm
1.47 N
---
15
°
---
---
6.67 N
1.47 N
10
°±3°
50
°
3
°
Operating Position
Total travel
OP
TT
*
34.3
±1 mm
(5) mm
34.3
±1 mm
(5) mm
---
---
OP
PT
40 max.
16
12 dia.
× 4.4
stainless steel roller
Rubber seal
2
8
23
7.5
4
57 max.
(2)
Indicator
M12
× 1
10.5
1.4
1.5
2
34
holes
Spot facing
10.2 dia. depth: 6
25±0.1
Two, 5.1
+0.2
0
dia.
Sealed Roller Plunger
D4CC-
@032
38
3.2 dia.
6.6 dia.
*2
42
16
Nylon rod
2
Rubber seal
7.5
4.5
8
23
2
34
1.4
1.5
57 max.
Indicator
*1. Operation is possible in any direction except parallel to the axis
.
*2. The ideal range for operation is between the tip of the rod and 1/3 of the length of the actuator.
M12
× 1
10.5
(2)
40 max.
*1
25±0.1
104±2.5
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
Plastic Rod
D4CC-
@@50
OP
PT
40 max.
16
12 dia.
× 4.4
stainless steel roller
2
1.4
1.5
8
23
Rubber seal
7.5
4
57 max.
Indicator
M12
× 1
10.5
34
(2)
2
25±0.1
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
Sealed Crossroller Plunger
D4CC-
@033
65.65
38R
110.7 max.
18.9
40 max.
17.5 dia.
× 7
stainless steel roller
7.5
7
8
23
1.4
1.5
2
34
Indicator
M12
× 1
11
(2)
16
25±0.1
holes
Spot facing
10.2 dia. depth: 6
Two, 5.1
+0.2
0
dia.
Center Roller Lever
D4CC-
@@60
6 dia.
40.7
14.9 dia.
L
50
30
5
45
°
5 dia.
M12
45
°
5 dia.
M12
XS2F-D421-
@80-F (For DC)
XS2F-A421-
@90-F (For AC)
(For DC)
(For AC)
For AC Model
For DC Model
Cable length (L)
(m)
XS2F-A421-C90-F
XS2F-D421-C80-F
1
XS2F-A421-D90-F
XS2F-D421-D80-F
2
XS2F-A421-G90-F
XS2F-D421-G80-F
5
XS2F-A421-J90-F
XS2F-D421-J80-F
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com