Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 35Page - Texas Instruments TLC320AC02IPM Datasheet HTML 36Page - Texas Instruments TLC320AC02IPM Datasheet HTML 37Page - Texas Instruments TLC320AC02IPM Datasheet HTML 38Page - Texas Instruments TLC320AC02IPM Datasheet HTML 39Page - Texas Instruments TLC320AC02IPM Datasheet HTML 40Page - Texas Instruments TLC320AC02IPM Datasheet HTML 41Page - Texas Instruments TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
3–1
3
Specifications
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)†
Supply voltage range, DGTL VDD (see Notes 1 and 2)
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . .
Supply voltage range, DAC VDD (see Notes 1 and 2)
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . .
Supply voltage range, ADC VDD (see Notes 1 and 2)
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . .
Differential supply voltage range, DGTL VDD to DAC VDD
– 0.3 V to 6.5 V
. . . . . . . . . . . .
Differential supply voltage range, all positive supply voltages to
ADC GND, DAC GND, DGTL GND, SUBS
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . .
Output voltage range, DOUT
– 0.3 V to DGTL VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, DIN
– 0.3 V to DGTL VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground voltage range, ADC GND, DAC GND,
DGTL GND, SUBS
– 0.3 V to DGTL VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
3.2
Recommended Operating Conditions (see Note 2)
MIN
NOM
MAX
UNIT
VDD
Positive supply voltage
4.5
5
5.5
V
Steady-state differential voltage between any two supplies
0.1
V
VIH
High-level digital input voltage
2.2
V
VIL
Low-level digital input voltage
0.8
V
IO
Load output current from ADC VMID and DAC
100
µA
Conversion time for the ADC and DAC channels
10 FCLK periods
fMCLK
Master-clock frequency
10.368
15
MHz
VID(PP)
Analog input voltage (differential, peak to peak)
6
V
RL
Differential output load resistance
600
Ω
RL
Single-ended to buffered DAC VMID voltage load resistance
300
Ω
TA
Operating free-air temperature
0
70
°C
NOTES:
1. Voltage values for DGTL VDD are with respect to DGTL GND, voltage values for DAC VDD are with respect
to DAC GND, and voltage values for ADC VDD are with respect to ADC GND. For the subsequent electrical,
operating, and timing specifications, the symbol VDD denotes all positive supplies. DAC GND, ADC GND,
DGTL GND, and SUBS are at 0 V unless otherwise specified.
2. To avoid possible damage to these CMOS devices and associated operating parameters, the sequence
below should be followed when applying power:
(1) Connect SUBS, DGTL GND, ADC GND, and DAC GND to ground.
(2) Connect voltages ADC VDD,and DAC VDD.
(3) Connect voltage DGTL VDD.
(4) Connect the input signals.
When removing power, follow the steps above in reverse order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com